Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1331-154K Datasheet(PDF) 1 Page - API Delevan

Part # M1331-154K
Description  Shielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

M1331-154K Datasheet(HTML) 1 Page - API Delevan

  M1331-154K Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6/2007
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
670
635
610
585
545
530
495
485
460
440
430
405
385
247
228
217
202
193
185
173
136
124
118
111
106
122
115
108
96
88
83
75
69
64
61
59
51
27
24
22
20
18
16
14
13
12
670
635
610
585
545
530
495
485
460
440
430
405
385
247
228
217
202
193
185
173
136
124
118
111
106
122
115
108
96
88
83
75
69
64
61
59
51
88
75
69
64
61
53
46
43
40
0.10
0.11
0.12
0.13
0.15
0.16
0.18
0.19
0.21
0.23
0.24
0.27
0.30
0.73
0.86
0.95
1.10
1.20
1.30
1.50
2.40
2.90
3.20
3.60
4.00
3.00
3.40
3.80
4.90
5.80
6.50
7.90
9.30
11.0
12.0
13.0
16.8
5.80
7.90
9.40
11.0
12.0
16.0
21.0
24.0
28.0
490.0**
430.0**
415.0**
375.0**
330.0**
300.0**
260.0**
230.0
220.0
210.0
180.0
165.0
150.0
130.0
115.0
105.0
95.0
90.0
80.0
75.0
70.0
60.0
55.0
53.0
50.0
35.0
30.0
26.0
24.0
21.0
20.0
19.0
16.0
15.0
13.0
11.0
10.5
13.0
12.0
11.0
10.0
9.0
8.0
7.8
7.5
7.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
45
45
45
45
45
45
44
42
41
41
39
38
37
40
41
43
45
48
49
50
50
50
50
50
50
36
38
40
40
40
41
42
44
44
45
45
40
31
33
33
35
35
35
35
35
35
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
18F
19F
20F
21F
22F
23F
24F
25F
26F
27F
28F
29F
30F
31F
32F
33F
34F
35F
36F
37F
01F
02F
03F
04F
05F
06F
07F
08F
09F
Not recommended for new designs See
Series 1331 (page 28) for replacement.
Military QPL Approvals
M83446/26 Iron Core
M83446/27 Ferrite Core
Physical Parameters
Inches
Millimeters
A
0.300 to 0.320
7.62 to 8.13
B
0.105 to 0.125
2.67 to 3.18
C
0.125 to 0.145
3.18 to 3.68
D
0.020 to 0.040
0.51 to 1.02
E
0.075 to 0.095
1.91 to 2.41
F
0.230 to 0.260
5.84 to 6.60
Dimensions “A” and “C” are over terminals
Weight Max. (Grams) 0.30
Current Rating at 90°C Ambient 15°C Rise
Operating Temperature –55°C to +105°C
Maximum Power Dissipation at 90°C Ambient
0
.0585 Watts
**Note Self Resonant Frequency (SRF) values for
-101K to -331K are calculated and for reference only.
Packaging Tape & reel (16mm): 7" reel, 500 pieces
max.; 13" reel, 2200 pieces max.
Made In the U.S.A. Patent Protected
M83446/26– SERIES M1331 IRON CORE & SLEEVE
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
-102K
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
M83446/26– SERIES M1331 IRON CORE/FERRITE SLEEVE
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
M83446/27– SERIES M1331 FERRITE CORE & SLEEVE
-124K
-154K
-184K
-224K
-274K
-334K
-394K
-474K
-564K
Parts listed above are QPL/MIL qualified
Optional Tolerances: J = 5% H = 3%
*Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
MI
L I TARY
A
P P R O V E D
M1331
Shielded Surface Mount Inductors
Series


Similar Part No. - M1331-154K

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M1331-4007-SS RAF-M1331-4007-SS Datasheet
84Kb / 1P
   6 MM HEX FEMALE STANDOFFS
More results

Similar Description - M1331-154K

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com