Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIL1812-272J Datasheet(PDF) 1 Page - API Delevan

Part # MIL1812-272J
Description  Unshielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

MIL1812-272J Datasheet(HTML) 1 Page - API Delevan

  MIL1812-272J Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PAGE
24
www
.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
6/2007
1230
1230
1230
1230
1230
1000
1000
870
870
770
770
700
818
818
818
757
708
668
604
535
501
409
379
354
634
604
578
556
535
517
501
472
448
427
409
375
354
317
283
268
250
236
224
211
200
191
183
169
158
158
149
145
142
129
120
100
88
82
82
67
55
0.10
0.10
0.10
0.10
0.10
0.15
0.15
0.20
0.20
0.25
0.25
0.25
0.30
0.30
0.30
0.35
0.40
0.45
0.55
0.70
0.80
1.20
1.40
1.60
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.90
1.00
1.10
1.20
1.40
1.60
2.00
2.50
2.80
3.20
3.60
4.00
4.50
5.00
5.50
6.00
7.00
8.00
8.0
9.0
9.5
10.0
12.0
14.0
20.0
26.0
30.0
30.0
45.0
60.0
1000**†
1000**†
1000**†
1000**†
1000**†
1000**†
1000**†
1000**†
1000**†
850**†
750**†
750**†
650**†
600**†
500**†
400**†
350**†
300**†
250
220
190
170
150
140
100
80
70
60
55
50
45
40
35
33
27
25
20
18
17
15
13
12
11
10
10
9
9
8
8
6
6
5
4
4
3.5
3.0
3.0
3.0
3.0
2.5
2.5
50
50
50
50
50
50
50
50
50
50
50
50
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
40
40
40
40
40
40
40
30
30
30
25
25
30
30
30
30
30
30
30
30
30
30
30
30
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
40
40
40
40
40
40
40
40
30
30
30
30
-01*
-02*
-03*
-04*
-05*
-06*
-07*
-08*
-09*
-10*
-11*
-12*
-13*
-14*
-15*
-16*
-17*
-18*
-19*
-20*
-21*
-22*
-23*
-24*
-25*
-26*
-27*
-28*
-29*
-30*
-31*
-32*
-33*
-34*
-35*
-36*
-37*
-38*
-39*
-40*
-41*
-42*
-43*
-44*
-45*
-46*
-47*
-48*
-49*
-50*
-51*
-52*
-53*
-54*
-55*
-56*
-57*
-58*
-59*
-60*
-61*
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
±5%
0.010
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
Military QPL Approvals
M83446/39
*SuffixF:Tin/LeadTermination
*SuffixP:ROHSCompliant
Physical Parameters
Inches
Millimeters
A
0.166to0.190
4.22to4.83
B
0.118to0.134
3.00to3.40
C
0.118to0.134
3.00to3.40
D
0.015Min.
0.38Min.
E
0.054to0.078
1.37to1.98
F
0.118(Ref.only)
3.00(Ref.only)
G
0.066(Ref.only)
1.68(Ref.only)
Dimensions“A”and“C”areoverterminals
Operating Temperature Range –55°Cto+125°C
Current Rating at 90°C Ambient 35°CRise
Maximum Power Dissipation at 90°C
IronandFerrite:0.278Watts
Phenolic:0.210Watts
**†Note SelfResonantFrequency(SRF)valuesare
calculatedandforreferenceonly.
Packaging Tape&reel(12mm):7"reel,650pieces
max.;13"-reel,2500piecesmax.
* Termination Finish Options (Part&Callout)
MIL1812-101K=M83446/39-13F(Tin/Lead)
MIL1812R-101K=M83446/39-13P(Leadfree)
**Complete part # must include series # PLUS the dash #
For further surface finish information,
refer to TECHNICAL section of this catalog.
Made In the U.S.A. Patent Protected
M83446/39 PHENOLIC CORE
-100M
-120M
-150M
-180M
-220M
-270M
-330M
-390M
-470M
-560M
-680M
-820M
M83446/39 IRON CORE
-101K
-121K
-151K
-181K
-221K
-271K
-331K
-391K
-471K
-561K
-681K
-821K
M83446/39 FERRITE CORE
-102J
-122J
-152J
-182J
-222J
-272J
-332J
-392J
-472J
-562J
-682J
-822J
-103J
-123J
-153J
-183J
-223J
-273J
-333J
-393J
-473J
-563J
-683J
-823J
-104J
-124J
-154J
-184J
-224J
-274J
-334J
-394J
-474J
-564J
-684J
-824J
-105J
Parts listed above are QPL/MIL qualified
MIL1812R
MIL1812
Unshielded Surface Mount Inductors
Series
MI
L I TARY
A
P P R O V ED
MI
L I TARY
A
P P R O V ED


Similar Part No. - MIL1812-272J

ManufacturerPart #DatasheetDescription
logo
API Delevan
MIL1812-272J API-MIL1812-272J Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
More results

Similar Description - MIL1812-272J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1812-100M ETC1-1812-100M Datasheet
60Kb / 2P
   Unshielded Surface Mount Inductors
logo
API Delevan
2510-22F API-2510-22F Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1812R-151J API-1812R-151J Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1008R API-1008R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
2510R API-2510R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
   Unshielded Surface Mount Inductors
logo
API Delevan
MIL1330-94K API-MIL1330-94K Datasheet
44Kb / 1P
   Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
logo
List of Unclassifed Man...
1330-94K ETC1-1330-94K Datasheet
38Kb / 1P
   Unshielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com