Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA62B-3-SRFSBKS-9-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LA62B-3-SRFSBKS-9-PF
Description  LED ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA62B-3-SRFSBKS-9-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LA62B-3-SRFSBKS-9-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA62B-3-SRFSBKS-9-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA62B-3-SRFSBKS-9-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA62B-3-SRFSBKS-9-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA62B-3-SRFSBKS-9-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA62B-3-SRFSBKS-9-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA62B-3-SRFSBKS-9-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5
°/sec
max
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
120°
Time(sec)
120 Seconds Max
0° 0
100
Preheat
200
25°
2
°/sec
max
250
265°
2.Wave Soldering Profile
Temp(
° C)
Dip Soldering
Preheat: 120
°C Max
Preheat time: 120seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:265
°C Max
Dipping Time:5 seconds Max
Distance:2mm Min(From solder joint to case)
265
°C5sec Max
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to case)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/6
PART NO. LA62B-3/8SRF8UG-8-AS-PF


Similar Part No. - LA62B-3-SRFSBKS-9-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA62B-3-SRFVG-4 LIGITEK-LA62B-3-SRFVG-4 Datasheet
113Kb / 6P
   LED ARRAY
More results

Similar Description - LA62B-3-SRFSBKS-9-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com