Electronic Components Datasheet Search |
|
LY6125616UV Datasheet(PDF) 2 Page - Lyontek Inc. |
|
LY6125616UV Datasheet(HTML) 2 Page - Lyontek Inc. |
2 / 13 page LY6125616 Rev. 2.1 5V 256K X 16 BIT HIGH SPEED CMOS SRAM Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 1 ® FEATURES Fast access time : 12/15/20/25ns Low power consumption: Operating current : 180/140/110/100mA(MAX.) Standby current : 15mA(MAX. for 12ns) 3mA(MAX. for 15/20/25ns) 100µA( (MAX. for 15/20/25ns LL version) Single 5V power supply All inputs and outputs TTL compatible Fully static operation Tri-state output Data byte control : LB# (DQ0 ~ DQ7) UB# (DQ8 ~ DQ15) Data retention voltage : 2.0V (MIN.) Green package available Package : 44-pin 400 mil TSOP-II GENERAL DESCRIPTION The LY6125616 is a 4,194,304-bit low power CMOS static random access memory organized as 262,144 words by 16 bits. It is fabricated using very high performance, high reliability CMOS technology. Its standby current is stable within the range of operating temperature. The LY6125616 is well designed for low power application, and particularly well suited for battery back-up nonvolatile memory application. The LY6125616 operates from a single power supply of 5V and all inputs and outputs are fully TTL compatible PRODUCT FAMILY Power Dissipation Product Family Operating Temperature Vcc Range Speed Standby(ISB1) Operating(Icc) LY6125616 0 ~ 70℃ 4.5 ~ 5.5V 12ns 15mA(MAX.) 180mA(MAX.) LY6125616(E) -20 ~ 80℃ 4.5 ~ 5.5V 12ns 15mA(MAX.) 180mA(MAX.) LY6125616(I) -40 ~ 85℃ 4.5 ~ 5.5V 12ns 15mA(MAX.) 180mA(MAX.) LY6125616 0 ~ 70℃ 4.5 ~ 5.5V 15/20/25ns 3mA(MAX.) 140/110/100mA(MAX.) LY6125616(E) -20 ~ 80℃ 4.5 ~ 5.5V 15/20/25ns 3mA(MAX.) 140/110/100mA(MAX.) LY6125616(I) -40 ~ 85℃ 4.5 ~ 5.5V 15/20/25ns 3mA(MAX.) 140/110/100mA(MAX.) LY6125616(LL) 0 ~ 70℃ 4.5 ~ 5.5V 15/20/25ns 100µA(MAX.) 140/110/100mA(MAX.) LY6125616(LLE) -20 ~ 80℃ 4.5 ~ 5.5V 15/20/25ns 100µA(MAX.) 140/110/100mA(MAX.) LY6125616(LLI) -40 ~ 85℃ 4.5 ~ 5.5V 15/20/25ns 100µA(MAX.) 140/110/100mA(MAX.) |
Similar Part No. - LY6125616UV |
|
Similar Description - LY6125616UV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |