Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6112816I Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY6112816I
Description  5V 128K X 16 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6112816I Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY6112816I Datasheet HTML 4Page - Lyontek Inc. LY6112816I Datasheet HTML 5Page - Lyontek Inc. LY6112816I Datasheet HTML 6Page - Lyontek Inc. LY6112816I Datasheet HTML 7Page - Lyontek Inc. LY6112816I Datasheet HTML 8Page - Lyontek Inc. LY6112816I Datasheet HTML 9Page - Lyontek Inc. LY6112816I Datasheet HTML 10Page - Lyontek Inc. LY6112816I Datasheet HTML 11Page - Lyontek Inc. LY6112816I Datasheet HTML 12Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LY6112816
Rev. 1.1
5V 128K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
7
®
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
tWR
tAS
(4)
TOW
LB#,UB#
CE#
tAW
Address
tWC
tBW
WRITE CYCLE 2 (CE# Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
LB#,UB#
tCW
CE#
Address
tWR
tAS
tAW
tWC
tWP
tBW


Similar Part No. - LY6112816I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6112816ML-15LL LYONTEK-LY6112816ML-15LL Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816ML-15LLE LYONTEK-LY6112816ML-15LLE Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816ML-15LLET LYONTEK-LY6112816ML-15LLET Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816ML-15LLI LYONTEK-LY6112816ML-15LLI Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816ML-15LLIT LYONTEK-LY6112816ML-15LLIT Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY6112816I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6112816_1008 LYONTEK-LY6112816_1008 Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6112816 LYONTEK-LY6112816_16 Datasheet
655Kb / 12P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816 LYONTEK-LY61L12816 Datasheet
164Kb / 13P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816_1008 LYONTEK-LY61L12816_1008 Datasheet
273Kb / 14P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816A LYONTEK-LY61L12816A_13 Datasheet
265Kb / 12P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816A LYONTEK-LY61L12816A_17 Datasheet
800Kb / 15P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com