Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY616416I Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY616416I
Description  5V 64K X 16 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY616416I Datasheet(HTML) 2 Page - Lyontek Inc.

  LY616416I Datasheet HTML 1Page - Lyontek Inc. LY616416I Datasheet HTML 2Page - Lyontek Inc. LY616416I Datasheet HTML 3Page - Lyontek Inc. LY616416I Datasheet HTML 4Page - Lyontek Inc. LY616416I Datasheet HTML 5Page - Lyontek Inc. LY616416I Datasheet HTML 6Page - Lyontek Inc. LY616416I Datasheet HTML 7Page - Lyontek Inc. LY616416I Datasheet HTML 8Page - Lyontek Inc. LY616416I Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY616416
Rev. 1.1
5V 64K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 15/20ns
Low power consumption:
Operating current : 140/110mA(MAX.)
Standby current :
3mA(MAX. for 15/20ns)
100µA( (MAX. for 15/20ns LL version)
Single 5V power supply
All outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
GENERAL DESCRIPTION
The LY616416 is a 1,048,576-bit low power CMOS
static random access memory organized as 65,536
words by 16 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY616416 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY616416 operates from a single power
supply of 5V and all inputs and outputs are fully TTL
compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc
Range
Speed
Standby(ISB1)
Operating(Icc)
LY616416
0 ~ 70℃
4.5 ~ 5.5V
15/20ns
3mA(MAX.)
140/110mA(MAX.)
LY616416(E)
-20 ~ 80℃
4.5 ~ 5.5V
15/20ns
3mA(MAX.)
140/110mA(MAX.)
LY616416(I)
-40 ~ 85℃
4.5 ~ 5.5V
15/20ns
3mA(MAX.)
140/110mA(MAX.)
LY616416(LL)
0 ~ 70℃
4.5 ~ 5.5V
15/20ns
100µA(MAX.)
140/110mA(MAX.)
LY616416(LLE)
-20 ~ 80℃
4.5 ~ 5.5V
15/20ns
100µA(MAX.)
140/110mA(MAX.)
LY616416(LLI)
-40 ~ 85℃
4.5 ~ 5.5V
15/20ns
100µA(MAX.)
140/110mA(MAX.)


Similar Part No. - LY616416I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY616416ML-15LL LYONTEK-LY616416ML-15LL Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416ML-15LLE LYONTEK-LY616416ML-15LLE Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416ML-15LLET LYONTEK-LY616416ML-15LLET Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416ML-15LLI LYONTEK-LY616416ML-15LLI Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416ML-15LLIT LYONTEK-LY616416ML-15LLIT Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY616416I

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY6112816_1008 LYONTEK-LY6112816_1008 Datasheet
167Kb / 13P
   5V 128K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com