Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY611024LLI Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY611024LLI
Description  128K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY611024LLI Datasheet(HTML) 2 Page - Lyontek Inc.

  LY611024LLI Datasheet HTML 1Page - Lyontek Inc. LY611024LLI Datasheet HTML 2Page - Lyontek Inc. LY611024LLI Datasheet HTML 3Page - Lyontek Inc. LY611024LLI Datasheet HTML 4Page - Lyontek Inc. LY611024LLI Datasheet HTML 5Page - Lyontek Inc. LY611024LLI Datasheet HTML 6Page - Lyontek Inc. LY611024LLI Datasheet HTML 7Page - Lyontek Inc. LY611024LLI Datasheet HTML 8Page - Lyontek Inc. LY611024LLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY611024
Rev. 1.4
128K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 12/15ns
Low power consumption:
Operating current : 50/40mA (TYP.)
Standby current : 1mA (TYP.)
2
μA (TYP.) LL -version
Single 4.5V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 2.0V (MIN.)
Green package available
Package : 32-pin 300 mil SOJ
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
GENERAL DESCRIPTION
The LY611024 is a 1,048,576-bit low power CMOS
static random access memory organized as 131,072
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY611024 is well designed for very high speed
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The LY611024 operates from a single power
supply of 4.5V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY611024
0 ~ 70℃
4.5 ~ 5.5V
12/15ns
1mA
50/40mA
LY611024(E)
-20 ~ 80℃
4.5 ~ 5.5V
12/15ns
1mA
50/40mA
LY611024(I)
-40 ~ 85℃
4.5 ~ 5.5V
12/15ns
1mA
50/40mA
LY611024(LL)
0 ~ 70℃
4.5 ~ 5.5V
12/15ns
2µA
50/40mA
LY611024(LLE)
-20 ~ 80℃
4.5 ~ 5.5V
12/15ns
2µA
50/40mA
LY611024(LLI)
-40 ~ 85℃
4.5 ~ 5.5V
12/15ns
2µA
50/40mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
128Kx8
MEMORY ARRAY
COLUMN I/O
A0-A16
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A16
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - LY611024LLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY611024LL-12LL LYONTEK-LY611024LL-12LL Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024LL-12LLE LYONTEK-LY611024LL-12LLE Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024LL-12LLET LYONTEK-LY611024LL-12LLET Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024LL-12LLI LYONTEK-LY611024LL-12LLI Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024LL-12LLIT LYONTEK-LY611024LL-12LLIT Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY611024LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024 LYONTEK-LY611024_16 Datasheet
875Kb / 15P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1288 LYONTEK-LY61L1288_17 Datasheet
813Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L73081 AMICC-A61L73081 Datasheet
180Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY651024 LYONTEK-LY651024_12 Datasheet
452Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A6173081 AMICC-A6173081 Datasheet
172Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288 Datasheet
191Kb / 11P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com