Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61256DL Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY61256DL
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61256DL Datasheet(HTML) 1 Page - Lyontek Inc.

  LY61256DL Datasheet HTML 1Page - Lyontek Inc. LY61256DL Datasheet HTML 2Page - Lyontek Inc. LY61256DL Datasheet HTML 3Page - Lyontek Inc. LY61256DL Datasheet HTML 4Page - Lyontek Inc. LY61256DL Datasheet HTML 5Page - Lyontek Inc. LY61256DL Datasheet HTML 6Page - Lyontek Inc. LY61256DL Datasheet HTML 7Page - Lyontek Inc. LY61256DL Datasheet HTML 8Page - Lyontek Inc. LY61256DL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LY61256
Rev. 1.5
32K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Jul.25.2004
Rev. 1.1
Delete Icc1/ ISB Spec.
Sep.21.2004
Rev. 1.2
Adding Skinny P-DIP
Aug.18.2005
Rev. 1.3
Revised STSOP Package Outline Dimension
Mar.26.2008
Rev. 1.4
Rev. 1.5
Revised VTERM to VT1 and VT2
Revised Test Condition of ISB1/IDR
Added LL Spec.
Revised Test Condition of ICC
Revised
FEATURES & ORDERING INFORMATION
Lead free and green package available to Green package
available
Deleted TSOLDER in
ABSOLUTE MAXIMUN RATINGS
Added packing type in
ORDERING INFORMATION
Feb.2.2009
Apr.17.2009


Similar Part No. - LY61256DL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61256DL-10LL LYONTEK-LY61256DL-10LL Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256DL-10LLE LYONTEK-LY61256DL-10LLE Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256DL-10LLET LYONTEK-LY61256DL-10LLET Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256DL-10LLI LYONTEK-LY61256DL-10LLI Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61256DL-10LLIT LYONTEK-LY61256DL-10LLIT Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61256DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256 LYONTEK-LY61256_17 Datasheet
895Kb / 15P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65256 LYONTEK-LY65256_12 Datasheet
325Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L256C AMICC-LP61L256C Datasheet
110Kb / 11P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61256_1008 LYONTEK-LY61256_1008 Datasheet
232Kb / 13P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A615308 AMICC-A615308 Datasheet
199Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256_1008 LYONTEK-LY61L256_1008 Datasheet
172Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com