Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2393HLX-16PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2393HLX-16PBF
Description  16-Bit, 1Msps SAR ADC With 94dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2393HLX-16PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2393HLX-16PBF Datasheet HTML 1Page - Linear Technology LTC2393HLX-16PBF Datasheet HTML 2Page - Linear Technology LTC2393HLX-16PBF Datasheet HTML 3Page - Linear Technology LTC2393HLX-16PBF Datasheet HTML 4Page - Linear Technology LTC2393HLX-16PBF Datasheet HTML 5Page - Linear Technology LTC2393HLX-16PBF Datasheet HTML 6Page - Linear Technology LTC2393HLX-16PBF Datasheet HTML 7Page - Linear Technology LTC2393HLX-16PBF Datasheet HTML 8Page - Linear Technology LTC2393HLX-16PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2393-16
2
239316p
Supply Voltage (VAVP, VDVP, VOVP) ..........................6.0V
Analog Input Voltage (Note 3)
IN+, IN, REFIN, CNVST .. (GND – 0.3V) to (VAVP + 0.3V)
Digital Input Voltage........ (GND – 0.3V) to (VOVP + 0.3V)
Digital Output Voltage ..... (GND – 0.3V) to (VOVP + 0.3V)
Power Dissipation ...............................................500mW
(Notes 1, 2)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2393CUK-16#PBF
LTC2393CUK-16#TRPBF
LTC2393UK-16
48-Lead 7mm
× 7mm Plastic QFN
0°C to 70°C
LTC2393IUK-16#PBF
LTC2393IUK-16#TRPBF
LTC2393UK-16
48-Lead 7mm
× 7mm Plastic QFN
–40°C to 85°C
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2393CLX-16#PBF
LTC2393CLX-16#PBF
LTC2393LX-16
48-Lead 7mm
× 7mm Plastic LQFP
0°C to 70°C
LTC2393ILX-16#PBF
LTC2393ILX-16#PBF
LTC2393LX-16
48-Lead 7mm
× 7mm Plastic LQFP
–40°C to 85°C
LTC2393HLX-16#PBF
LTC2393HLX-16#PBF
LTC2393LX-16
48-Lead 7mm
× 7mm Plastic LQFP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
TOP VIEW
49
UK PACKAGE
48-LEAD (7mm
7mm) PLASTIC QFN
GND 1
AVP 2
DVP 3
SER/PAR 4
GND 5
OB/2C 6
GND 7
BYTESWAP 8
D0 9
D1 10
D2 11
D3 12
36 VCM
35 GND
34 CNVST
33 PD
32 RESET
31 CS
30 RD
29 BUSY
28 D15
27 D14
26 D13
25 D12
TJMAX = 125°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
GND
AVP
DVP
SER/PAR
GND
OB/2C
GND
BYTESWAP
D0
D1
D2
D3
VCM
GND
CNVST
PD
RESET
CS
RD
BUSY
D15
D14
D13
D12
TOP VIEW
LX PACKAGE
48-LEAD (7mm
7mm) PLASTIC LQFP
TJMAX = 125°C, θJA = 55°C/W
PIN CONFIGURATION
Operating Temperature Range
LTC2393C ................................................ 0°C to 70°C
LTC2393I.............................................. –40°C to 85°C
LTC2393H .......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C


Similar Part No. - LTC2393HLX-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393HLX-16PBF LINER-LTC2393HLX-16PBF Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
More results

Similar Description - LTC2393HLX-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com