Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2393CLX-16PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2393CLX-16PBF
Description  16-Bit, 1Msps SAR ADC With 94dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2393CLX-16PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2393CLX-16PBF Datasheet HTML 6Page - Linear Technology LTC2393CLX-16PBF Datasheet HTML 7Page - Linear Technology LTC2393CLX-16PBF Datasheet HTML 8Page - Linear Technology LTC2393CLX-16PBF Datasheet HTML 9Page - Linear Technology LTC2393CLX-16PBF Datasheet HTML 10Page - Linear Technology LTC2393CLX-16PBF Datasheet HTML 11Page - Linear Technology LTC2393CLX-16PBF Datasheet HTML 12Page - Linear Technology LTC2393CLX-16PBF Datasheet HTML 13Page - Linear Technology LTC2393CLX-16PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2393-16
10
239316p
FUNCTIONAL BLOCK DIAGRAM
16-BIT SAMPLING ADC
PARALLEL/
SERIAL
INTERFACE
SDIN
SDOUT
SCLK
CS
RD
SER/PAR
BYTESWAP
OB/2C
BUSY
239316BD
16-BIT
1x BUFFER
REFOUT
REFIN
IN
IN+
AVP
LTC2393-16
DVP OVP
VCM
REFSENSE
CONTROL LOGIC
4.096V
REFERENCE
CNVST
PD
RESET
GND OGND
16-BIT OR
TWO BYTE
TIMING DIAGRAMS
Conversion Timing Using the Parallel Interface
CONVERT
PREVIOUS CONVERSION
CURRENT CONVERSION
CNVST
CS, RD = 0
BUSY
D[15:0]
ACQUIRE
239315 TD01
Conversion Timing Using the Serial Interface
D14
D15 D13 D11 D9 D7 D5 D3
CONVERT
CNVST
CS, RD = 0
BUSY
SCLK
SDOUT
ACQUIRE
D1
239315 TD02
D12 D10 D8 D6 D4 D2 D0


Similar Part No. - LTC2393CLX-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393CLX-16PBF LINER-LTC2393CLX-16PBF Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
More results

Similar Description - LTC2393CLX-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com