Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3854IMSE Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3854IMSE
Description  Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3854IMSE Datasheet(HTML) 5 Page - Linear Technology

  LTC3854IMSE Datasheet HTML 1Page - Linear Technology LTC3854IMSE Datasheet HTML 2Page - Linear Technology LTC3854IMSE Datasheet HTML 3Page - Linear Technology LTC3854IMSE Datasheet HTML 4Page - Linear Technology LTC3854IMSE Datasheet HTML 5Page - Linear Technology LTC3854IMSE Datasheet HTML 6Page - Linear Technology LTC3854IMSE Datasheet HTML 7Page - Linear Technology LTC3854IMSE Datasheet HTML 8Page - Linear Technology LTC3854IMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC3854

3854fa
Switching Waveforms at No Load
Switching Waveforms at High
Duty Cycle, No Load
Typical perForMance characTerisTics
Quiescent Current vs VIN
Quiescent Current vs Temperature
INTVCC vs Input Voltage
Maximum Current Sense Threshold
vs Sense Common Mode Voltage
Maximum Current Sense Threshold
vs Duty Cycle
Maximum Current Sense Voltage
vs Feedback Voltage
(Current Foldback)
BG
VOUT = 5V
IL
TG
1µs/DIV
3854 G06
BG
VOUT = 2.5V
IL
TG
2µs/DIV
3854 G07
VIN (V)
6
1.17
1.13
1.11
1.14
1.15
1.16
1.12
1.10
1.09
26
16
36
3854 G08
21
11
31
TEMPERATURE (°C)
–45
1.30
1.10
1.00
1.15
1.20
1.25
1.05
0.95
0.90
35
–5
75
3854 G09
95
15
–25
55
VIN (V)
4
5.05
5.00
4.90
4.95
4.85
4.80
24
14
34
3854 G10
39
19
9
29
COMMON MODE VOLTAGE (V)
0
60
56
48
50
52
54
58
42
44
46
40
4
2
6
3854 G11
7
3
1
5
DUTY CYCLE (%)
0
65
55
50
60
40
45
35
80
40
3854 G12
120
60
20
100
FB (V)
0.05
0
60
40
30
50
10
20
0
0.45
0.25
3854 G13
0.75
0.35
0.15
0.55 0.65


Similar Part No. - LTC3854IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3854 LINER-LTC3854 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3854IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
   Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com