Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3854IDDB Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3854IDDB
Description  Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3854IDDB Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3854IDDB Datasheet HTML 3Page - Linear Technology LTC3854IDDB Datasheet HTML 4Page - Linear Technology LTC3854IDDB Datasheet HTML 5Page - Linear Technology LTC3854IDDB Datasheet HTML 6Page - Linear Technology LTC3854IDDB Datasheet HTML 7Page - Linear Technology LTC3854IDDB Datasheet HTML 8Page - Linear Technology LTC3854IDDB Datasheet HTML 9Page - Linear Technology LTC3854IDDB Datasheet HTML 10Page - Linear Technology LTC3854IDDB Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3854

3854fa
pin FuncTions
FB(Pin1):ErrorAmplifierFeedbackInput.Thispinreceives
the remotely-sensed feedback voltage from an external
resistor divider across the output.
ITH(Pin2):ErrorAmplifierOutputandSwitchingRegulator
Compensation Point. The current comparator trip point
increases with this control voltage.
RUN/SS (Pin 3): Run Control, Soft-Start. If the voltage
on this pin is held below 0.4V, the part is in shutdown. If
the pin is released the capacitance to ground at this pin
sets the soft-start ramp rate. An internal 1.25µA soft-start
current is always charging this pin.
BOOST(Pin4):BootstrappedSupplytotheTopSideFloat-
ing Driver. A low ESR capacitor is connected between the
BOOST and SW pins and an external Schottky diode is tied
between the BOOST and INTVCC pins. The voltage swing
on the BOOST pin is INTVCC to (VIN + INTVCC).
TG (Pin 5): High Current Gate Drive for Top N-channel
MOSFET. This is the output of floating driver with a volt-
age swing equal to INTVCC superimposed on the switch
node voltage.
SW (Pin 6): Switch Node Connection to Inductor. The volt-
age swing on this pin is from a Schottky diode (external)
forward voltage (when this diode is added across the N-
channel synchronous MOSFET) below ground to VIN.
GND (Pin 7): Small Signal and Power Ground. This is
the high current ground for the gate driver. The internal
signal ground is Kelvin connected to this pin for noise
suppression.
BG (Pin 8): High Current Gate Drive for Bottom (Synchro-
nous) N-channel MOSFET. The voltage swing at this pin is
from ground to INTVCC.
INTVCC (Pin 9): Output of the Internal 5V Low Dropout
Regulator. The driver and control circuits are powered
from this voltage. Must be decoupled to power ground
with a minimum of 2.2µF low ESR ceramic capacitor (X5R
or better).
VIN (Pin 10): Main Supply Pin. A bypass capacitor should
be tied between this pin and the signal ground pin.
SENSE(Pin 11): The (–) Input to the Differential Current
Comparator.
SENSE+ (Pin 12): The (+) Input to the Differential Current
Comparator. The ITH pin voltage and controlled offsets
between the SENSEand SENSE+ pins in conjunction with
RSENSE (or RDCR) set the peak current trip threshold.
SGND (Exposed Pad Pin 13): The exposed pad must be
soldered to PCB ground for electrical contact and rated
thermal performance.


Similar Part No. - LTC3854IDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3854 LINER-LTC3854 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3854IDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
   Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com