Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3990 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3990
Description  60V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3990 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3990 Datasheet HTML 5Page - Linear Technology LT3990 Datasheet HTML 6Page - Linear Technology LT3990 Datasheet HTML 7Page - Linear Technology LT3990 Datasheet HTML 8Page - Linear Technology LT3990 Datasheet HTML 9Page - Linear Technology LT3990 Datasheet HTML 10Page - Linear Technology LT3990 Datasheet HTML 11Page - Linear Technology LT3990 Datasheet HTML 12Page - Linear Technology LT3990 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3990
9
3990p
APPLICATIONS INFORMATION
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
RR
VOUT
12
121
1
= ⎛
⎝⎜
⎠⎟
.
Reference designators refer to the Block Diagram. Note
that choosing larger resistors will decrease the quiescent
current of the application circuit.
Setting the Switching Frequency
The LT3990 uses a constant frequency PWM architecture
that can be programmed to switch from 200kHz to 2.2MHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Table 1.
Table 1. Switching Frequency vs RT Value
SWITCHING FREQUENCY (MHz)
RT VALUE (kΩ)
0.2
0.3
0.4
0.5
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
768
499
357
280
226
158
124
100
80.6
68.1
57.6
49.9
42.2
Operating Frequency Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, minimum dropout voltage and
maximum input voltage. The advantage of high frequency
operation is that smaller inductor and capacitor values may
be used. The disadvantages are lower efficiency, lower
maximum input voltage, and higher dropout voltage. The
highest acceptable switching frequency (fSW(MAX)) for a
given application can be calculated as follows:
f
VV
tV
V
V
SW MAX
OUT
D
ON MIN
IN
SW
D
()
()
=
+
+
()
where VIN is the typical input voltage, VOUT is the output
voltage, VD is the integrated catch diode drop (~0.7V),
and VSW is the internal switch drop (~0.5V at max load).
This equation shows that slower switching frequency is
necessary to accommodate high VIN/VOUT ratio.
Lower frequency also allows a lower dropout voltage. The
input voltage range depends on the switching frequency
because the LT3990 switch has finite minimum on and off
times. The switch can turn on for a minimum of ~150ns and
turn off for a minimum of ~160ns (note that the minimum
on-time is a strong function of temperature). This means
that the minimum and maximum duty cycles are:
DCMIN = fSW • tON(MIN)
DCMAX = 1 – fSW • tON(MIN)
where fSW is the switching frequency, the tON(MIN) is the
minimum switch on-time (~150ns), and the tOFF(MIN) is
the minimum switch off-time (~160ns). These equations
show that duty cycle range increases when switching
frequency is decreased.
A good choice of switching frequency should allow ad-
equate input voltage range (see next section) and keep
the inductor and capacitor values small.
Input Voltage Range
The minimum input voltage is determined by either the
LT3990’s minimum operating voltage of 4.2V or by its
maximum duty cycle (as explained in previous section).
The minimum input voltage due to duty cycle is:
V
V
ft
VV
IN MIN
D
SW
OFF MIN
DSW
()
()
–•
=
+
+
VOUT
1
where VIN(MIN) is the minimum input voltage, VOUT is the
output voltage, VD is the catch diode drop (~0.7V), VSW
is the internal switch drop (~0.5V at max load), fSW is
the switching frequency (set by RT), and tOFF(MIN) is the
minimum switch off-time (160ns). Note that higher switch-
ing frequency will increase the minimum input voltage.
If a lower dropout voltage is desired, a lower switching
frequency should be used.


Similar Part No. - LT3990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3990 LINER-LT3990 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3990 LINER-LT3990 Datasheet
264Kb / 20P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
289Kb / 24P
   42V, 2.5A Synchronous Step-Down Regulator
LT3990 LINER-LT3990 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LT3990 LINER-LT3990 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results

Similar Description - LT3990

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3970 LINER-LT3970 Datasheet
253Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5關A Quiescent Current and Integrated Diodes
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT3990-5 LINER-LT3990-5_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990-3.3 LINER-LT3990-3.3_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3970 LINER-LT3970_15 Datasheet
327Kb / 22P
   40V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3990 LINER-LT3990_15 Datasheet
305Kb / 22P
   62V, 350mA Step-Down Regulator with 2.5A Quiescent Current and Integrated Diodes
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com