Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3823IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3823IGN
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC3823IGN Datasheet HTML 1Page - Linear Technology LTC3823IGN Datasheet HTML 2Page - Linear Technology LTC3823IGN Datasheet HTML 3Page - Linear Technology LTC3823IGN Datasheet HTML 4Page - Linear Technology LTC3823IGN Datasheet HTML 5Page - Linear Technology LTC3823IGN Datasheet HTML 6Page - Linear Technology LTC3823IGN Datasheet HTML 7Page - Linear Technology LTC3823IGN Datasheet HTML 8Page - Linear Technology LTC3823IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC3823
5
3823fd
TYPICAL PERFORMANCE CHARACTERISTICS
On-Time vs Temperature
Maximum Current Sense
Threshold vs VRNG Voltage
Maximum Current Sense
Threshold vs Temperature
Error Amplifier gm vs Temperature
Input Current vs Input Voltage
Shutdown Current vs Input Voltage
TEMPERATURE (°C)
–50
200
205
215
220
225
250
235
0
50
75
3823 G04
210
240
245
230
–25
25
100
125
IION = 30μA
VON = 0V
VRNG VOLTAGE (V)
0.5
50
100
150
200
250
300
0.75
1
1.25
1.5
3823 G05
1.75
2
TEMPERATURE (°C)
–50
100
105
115
120
125
150
135
0
50
75
3823 G06
110
140
145
130
–25
25
100
125
VRNG = 1V
TEMPERATURE (°C)
–50
1.7
1.8
25
75
3823 G07
1.6
–25
0
50
100
125
1.5
INPUT VOLTAGE, VIN (V)
0
1.0
1.5
2.0
2.5
510
15
20
3823 G08
25
30
INPUT VOLTAGE, VIN (V)
0
0
10
20
30
40
60
5
10
15
20
3823 G09
25
30
50
INTVCC Load Regulation
INTVCC LOAD CURRENT (mA)
0
–0.4
–0.2
0
40
3823 G10
–0.6
–0.8
–0.5
–0.3
–0.1
–0.7
–0.9
–1.0
10
5
20
15
30 35
45
25
50
FCB Pin Current vs Temperature
TEMPERATURE (°C)
–50
–1.50
–1.45
–1.35
–1.30
–1.25
–1.00
–1.15
0
50
75
3823 G11
–1.40
–1.10
–1.05
–1.20
–25
25
100
125
Track Up
VOUT
2V/DIV
TRACK/SS
AND VFB
500mV/DIV
250ms/DIV
3823 G12
TRACK/SS
FIGURE 12 CIRCUIT
VFB
VOUT


Similar Part No. - LTC3823IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3823 LINER-LTC3823_15 Datasheet
312Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
More results

Similar Description - LTC3823IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3823 LINER-LTC3823_15 Datasheet
312Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
LTC3770 LINER-LTC3770_15 Datasheet
272Kb / 24P
   Fast No RSENSE Step-Down Synchronous Controller with Margining, Tracking and PLL
LTC3833 LINER-LTC3833_15 Datasheet
523Kb / 36P
   Fast Accurate Step-Down DC/DC Controller with Differential Output Sensing
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3838 LINER-LTC3838_15 Datasheet
726Kb / 54P
   Dual, Fast, Accurate Step- Down DC/DC Controller with Differential Output Sensing
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3838-1 LINER-LTC3838-1_15 Datasheet
5Mb / 52P
   Dual, Fast, Accurate Step-Down DC/DC Controller with Dual Differential Output Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com