Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8662 Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY8662
Description  Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8662 Datasheet(HTML) 2 Page - Lyontek Inc.

  LY8662 Datasheet HTML 1Page - Lyontek Inc. LY8662 Datasheet HTML 2Page - Lyontek Inc. LY8662 Datasheet HTML 3Page - Lyontek Inc. LY8662 Datasheet HTML 4Page - Lyontek Inc. LY8662 Datasheet HTML 5Page - Lyontek Inc. LY8662 Datasheet HTML 6Page - Lyontek Inc. LY8662 Datasheet HTML 7Page - Lyontek Inc. LY8662 Datasheet HTML 8Page - Lyontek Inc. LY8662 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LY8662
Rev. 1.2
Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN DESCRIPTION
Pin No.
SYMBOL
QFN
DESCRIPTION
+OUTA
1
Positive BTL output of A channel.
VDD
2/11
Power supply.
-OUTA
3
Negative BTL output of A channel.
INA
4
Input of A channel.
GND
5/6/7/13/16 Ground.
BYPASS
8
Bypass capacitor which provides the common mode voltage.
INB
9
Input of B channel.
-OUTB
10
Negative BTL output of B channel.
+OUTB
12
Positive BTL output of B channel.
HP Sense
(Option)
14
Headphone sense pin option.
(If None headphone function must connect to GND).
SHUTDOWN
15
Shutdown the device pin.( when low level is active the pin)


Similar Part No. - LY8662

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8661 LYONTEK-LY8661 Datasheet
1Mb / 15P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8661EB LYONTEK-LY8661EB Datasheet
1Mb / 15P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8661EL LYONTEK-LY8661EL Datasheet
1Mb / 15P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8661SL LYONTEK-LY8661SL Datasheet
1Mb / 15P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
More results

Similar Description - LY8662

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8661 LYONTEK-LY8661 Datasheet
1Mb / 15P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8663_1005 LYONTEK-LY8663_1005 Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8602 LYONTEK-LY8602 Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com