Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8006UL Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY8006UL
Description  1.4 W Mono Filterless Class D Audio power Amplifier (MSOP / DFN) 竊뛅ompatible with LY8890/8891/8891B Single-Ended Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8006UL Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY8006UL Datasheet HTML 7Page - Lyontek Inc. LY8006UL Datasheet HTML 8Page - Lyontek Inc. LY8006UL Datasheet HTML 9Page - Lyontek Inc. LY8006UL Datasheet HTML 10Page - Lyontek Inc. LY8006UL Datasheet HTML 11Page - Lyontek Inc. LY8006UL Datasheet HTML 12Page - Lyontek Inc. LY8006UL Datasheet HTML 13Page - Lyontek Inc. LY8006UL Datasheet HTML 14Page - Lyontek Inc. LY8006UL Datasheet HTML 15Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LY8006
1.4 W Mono Filterless Class D Audio power Amplifier (MSOP / DFN)
Rev. 1.7
Compatible with LY8890/8891/8891B Single-Ended Input
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
11
®
APPLICATION INFORMATION
Input Resistors (Ri) and Gain
The input resistors (Ri) set the gain of the amplifier according to the equation.
Pre-Amplifier Gain = (Rf / Ri) x 2 = [150KΩ / ( 5KΩ
+ Ri )] x 2
Total Gain = [(Rf / Ri) x 2] x 2 = {[150KΩ / ( 5KΩ
+ Ri )] x 2} x 2
AVD = 20 x log {2 x [(Rf /Ri ) x2]}
The resistor matching is very important in the amplifiers. Balance of the output on the reference voltage
depends on matched ratio of the resistors. CMRR, PSRR, and cancellation of the second harmonic distortion
if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance resistors or better to keep the
performance optimized. Matching is more important than overall tolerance.
Resistor arrays with 1% matching can be used with a tolerance greater than 1%.Place the input resistors very
close to the LY8006 to limit noise injection on the high-impedance nodes. For optimal performance the gain
should be set to 2 V/V or lower. Lower gain allows the LY8006 to operate at its best,
For example
Table 1. Typical Total Gain and AVD Values
Rf (KΩ)
150
150
150
150
150
150
Ri (KΩ)
300
150
100
75
50
37.5
Pre AMP. Gain
1
2
3
4
6
8
Total Gain
2
4
6
8
12
16
AVD (db)
6.02
12.04
15.56
18.06
21.58
24.08
Input Capacitors (Ci)
The LY8006 using a single-ended source, So the input coupling capacitors are required. The input capacitors
and input resistors form a high-pass filter with the corner frequency(fc), determined in the equation.
fc = 1 / ( 2πRi Ci )
The value of the input capacitor is important to consider as it directly affects the bass (low frequency)
performance of the circuit. Speakers in wireless phones cannot usually respond well to low frequencies, so
the corner frequency can be set to block low frequencies in this application. Equation is reconfigured to solve
for the input coupling capacitance.
Ci = 1 / ( 2πRi fc )
If the corner frequency is within the audio band, the capacitors should have a tolerance of
±10% or better,
because any mismatch in capacitance causes an impedance mismatch at the corner frequency and below.


Similar Part No. - LY8006UL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8006UL LYONTEK-LY8006UL Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
More results

Similar Description - LY8006UL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8005 LYONTEK-LY8005 Datasheet
1Mb / 22P
   2.3 W Mono Filterless Class D Audio power Amplifier (MSOP)
LY8010 LYONTEK-LY8010 Datasheet
2Mb / 24P
   2.5 W Mono Filterless Class D Audio power Amplifier (WCSP / DFN)
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com