Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT121BABACB Datasheet(PDF) 1 Page - Bolymin, Inc

Part # BT121BABACB
Description  12.1 Color TFT-LCD video module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BT121BABACB Datasheet(HTML) 1 Page - Bolymin, Inc

  BT121BABACB Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TFT LCD:
Video Board:
BT121BABACB352e$
12.1" Color TFT-LCD video module.
1. 12.1 inch TFT LCD panel BT121BANNCB$.
2. View angle (U/D/L/R): 20/45/45/45
3. Resolution: 1024*(RGB)*768 (pixels),
0.24 (h) x 0.24 (v) mm dot pitch.
4. Brightness (cd/m2): 150cd/m2 Typical.
5. Contrast Ratio: 300:1.
6. Active area: 245.76*184.32 mm.
7. Dimension (W x H x T): 261.0*198.0*5.0 mm.
1. Power Requirements: 12.0V DC±10%.
2. Operating Temperature Range: -20~ +70
.
3. Storage Temperature Range: -30~ +80
.
4. Dimension (W x H x T): 162*100*14 mm.
5. Keyboard: 6 Keys with OSD menu for image
quality tuning supported.
6. Multi-input: CVBS input, VGA input.
7. Input impedance: 75 .
8. Video system: NTSC/PAL/SECAM auto detection.
Dimension:
Ordering Information:
BT121BABACB$
BT121BABACB 352d$
BT121BABACB 352e$
BT121BABACB 352f$
Option(1)
Bracket
Option(2)
Keyboard(with
keyboard cable)
Part NO.
V
V
V
V


Similar Part No. - BT121BABACB

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BT121BADACB BOLYMIN-BT121BADACB Datasheet
322Kb / 1P
   12.1 Color TFT-LCD video module
BT121BADACB352d BOLYMIN-BT121BADACB352d Datasheet
322Kb / 1P
   12.1 Color TFT-LCD video module
BT121BADACB352e BOLYMIN-BT121BADACB352e Datasheet
322Kb / 1P
   12.1 Color TFT-LCD video module
BT121BADACB352f BOLYMIN-BT121BADACB352f Datasheet
322Kb / 1P
   12.1 Color TFT-LCD video module
BT121BANNCB BOLYMIN-BT121BANNCB Datasheet
419Kb / 1P
   12.1 Color TFT-LCD module
More results

Similar Description - BT121BABACB

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BT121BADACB BOLYMIN-BT121BADACB Datasheet
322Kb / 1P
   12.1 Color TFT-LCD video module
BT121BANNCB BOLYMIN-BT121BANNCB Datasheet
419Kb / 1P
   12.1 Color TFT-LCD module
logo
AU Optronics Corp.,
G121SN01V2 AUO-G121SN01V2 Datasheet
510Kb / 26P
   12.1 Inch Color TFT-LCD
G121SN01V3 AUO-G121SN01V3 Datasheet
508Kb / 27P
   12.1 Inch Color TFT-LCD
logo
AZ Displays
G121S1-L02 AZDISPLAYS-G121S1-L02 Datasheet
769Kb / 29P
   12.1??TFT-LCD module
PD121XL6 AZDISPLAYS-PD121XL6 Datasheet
555Kb / 10P
   12.1??TFT-LCD module
logo
AU Optronics Corp.,
G121SN01V4 AUO-G121SN01V4 Datasheet
794Kb / 25P
   12.1 Inch Color TFT-LCD
logo
AZ Displays
PD121XL4 AZDISPLAYS-PD121XL4 Datasheet
460Kb / 21P
   12.1??TFT-LCD module
logo
Bolymin, Inc
BT035ABCBHB BOLYMIN-BT035ABCBHB Datasheet
234Kb / 1P
   3.5 Color TFT-LCD video module
BT104BEDACH BOLYMIN-BT104BEDACH Datasheet
312Kb / 1P
   10.4 Color TFT-LCD video module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com