Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8005 Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY8005
Description  2.3 W Mono Filterless Class D Audio power Amplifier (MSOP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8005 Datasheet(HTML) 1 Page - Lyontek Inc.

  LY8005 Datasheet HTML 1Page - Lyontek Inc. LY8005 Datasheet HTML 2Page - Lyontek Inc. LY8005 Datasheet HTML 3Page - Lyontek Inc. LY8005 Datasheet HTML 4Page - Lyontek Inc. LY8005 Datasheet HTML 5Page - Lyontek Inc. LY8005 Datasheet HTML 6Page - Lyontek Inc. LY8005 Datasheet HTML 7Page - Lyontek Inc. LY8005 Datasheet HTML 8Page - Lyontek Inc. LY8005 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LY8005
Rev. 1.6
2.3 W Mono Filterless Class D Audio power Amplifier (MSOP)
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
2.3 W Into 4Ω from 5.0V power supply at
THD = 10% (Typ.).
1.4 W Into 8Ω from 5.0V power supply at
THD = 10% (Typ.).
2.5V~5.5V Power supply.
Low shutdown current.
Low quiescent current.
Minimum external components.
No output filter required for inductive loads.
Output Pin Short-Circuit Protection (Short to
Output Pin, Short to GND, Short to VDD).
Low noise during turn-on and turn-off transitions.
Lead free and green package available.
(RoHS Compliant)
8-pin MSOP package.
APPLICATION
Portable electronic devices
Mobile Phones
PDAs
GENERAL DESCRIPTION
The LY8005 is a high efficiency, 2.3 W mono class D
audio power amplifier. It is a low noise, filterless
PWM architecture eliminates the output filter,
reducing external component count, system cost,
and simplify design.
The LY8005 is designed to meet of mobile phones
and other portable electronic devices. The LY8005
is a single 5V supply, it is capable of driving 4Ω
speaker load at a continuous average output of 2.3
W with 10% THD+N. The LY8005 has high
efficiency with speaker loads compared to a typical
Class AB amplifier.
In cellular handsets, the earpiece, speaker phone,
and melody ringer can each be driven by the
LY8005.The gain of the LY8005 is externally
configurable which allows independent gain control
from multiple sources by summing the signals.
Output short circuit and thermal overload protection
prevent the device from damage during fault
conditions.
PIN CONFIGURATION
8 Pin MSOP Package (TOP VIEW)


Similar Part No. - LY8005

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8005UL LYONTEK-LY8005UL Datasheet
738Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_13 Datasheet
738Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8005 LYONTEK-LY8005_17 Datasheet
839Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
More results

Similar Description - LY8005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com