Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62W1024GV Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY62W1024GV
Description  128K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62W1024GV Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY62W1024GV Datasheet HTML 7Page - Lyontek Inc. LY62W1024GV Datasheet HTML 8Page - Lyontek Inc. LY62W1024GV Datasheet HTML 9Page - Lyontek Inc. LY62W1024GV Datasheet HTML 10Page - Lyontek Inc. LY62W1024GV Datasheet HTML 11Page - Lyontek Inc. LY62W1024GV Datasheet HTML 12Page - Lyontek Inc. LY62W1024GV Datasheet HTML 13Page - Lyontek Inc. LY62W1024GV Datasheet HTML 14Page - Lyontek Inc. LY62W1024GV Datasheet HTML 15Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LY62W1024
Rev. 1.4
128K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
32 pin 600 mil P-DIP Package Outline Dimension
Note : D/E1/S dimension do not include mold flash.
UNIT
SYM.
INCH(BASE)
MM(REF)
A1
0.001 (MIN)
0.254 (MIN)
A2
0.150 ± 0.005
3.810 ± 0.127
B
0.018 ± 0.005
0.457 ± 0.127
D
1.650 ± 0.005
41.910 ± 0.127
E
0.600 ± 0.010
15.240 ± 0.254
E1
0.544 ± 0.004
13.818 ± 0.102
e
0.100 (TYP)
2.540 (TYP)
eB
0.640 ± 0.020
16.256 ± 0.508.
L
0.130 ± 0.010
3.302 ± 0.254
S
0.075 ± 0.010
1.905 ± 0.254
Q1
0.070 ± 0.005
1.778 ± 0.127


Similar Part No. - LY62W1024GV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W1024GL-35LL.T LYONTEK-LY62W1024GL-35LL.T Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024GL-35LLI.T LYONTEK-LY62W1024GL-35LLI.T Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024GL-35SL.T LYONTEK-LY62W1024GL-35SL.T Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024GL-35SLI.T LYONTEK-LY62W1024GL-35SLI.T Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024GL-55LL.T LYONTEK-LY62W1024GL-55LL.T Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62W1024GV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com