Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62W1024 Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY62W1024
Description  128K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62W1024 Datasheet(HTML) 1 Page - Lyontek Inc.

  LY62W1024 Datasheet HTML 1Page - Lyontek Inc. LY62W1024 Datasheet HTML 2Page - Lyontek Inc. LY62W1024 Datasheet HTML 3Page - Lyontek Inc. LY62W1024 Datasheet HTML 4Page - Lyontek Inc. LY62W1024 Datasheet HTML 5Page - Lyontek Inc. LY62W1024 Datasheet HTML 6Page - Lyontek Inc. LY62W1024 Datasheet HTML 7Page - Lyontek Inc. LY62W1024 Datasheet HTML 8Page - Lyontek Inc. LY62W1024 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LY62W1024
Rev. 1.4
128K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
0
®
REVISION HISTORY
Revision
Description
Issue Date
Rev. 1.0
Initial Issue
Aug.28.2005
Rev. 1.1
Revised ISB1 LL/LLI-LLE(max)= 50/100
μA => 20/50 μA
IDR LL/LLI-LLE(max)= 20/40
μA => 12/30 μA
Mar.30.2006
Rev. 1.2
Added SL Spec.
Nov.2.2007
Rev. 1.3
Revised typos in FEATURES
May.6.2008
Rev. 1.4
Revised ISB1/IDR(MAX.)
Added ISB1/IDR values when TA = 25℃ and TA = 40℃
Revised FEATURES & ORDERING INFORMATION
Lead free and green package available
to Green package
available
Added packing type in ORDERING INFORMATION
Revised VTERM to VT1 and VT2
Deleted TSOLDER in ABSOLUTE MAXIMUN RATINGS
Mar.30.2009


Similar Part No. - LY62W1024

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W10248GL-55LL LYONTEK-LY62W10248GL-55LL Datasheet
435Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248GL-55LL LYONTEK-LY62W10248GL-55LL Datasheet
486Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248GL-55LLI LYONTEK-LY62W10248GL-55LLI Datasheet
435Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248GL-55LLI LYONTEK-LY62W10248GL-55LLI Datasheet
486Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248GL-55LLIT LYONTEK-LY62W10248GL-55LLIT Datasheet
435Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62W1024

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com