Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L102616E Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY62L102616E
Description  1024K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L102616E Datasheet(HTML) 4 Page - Lyontek Inc.

  LY62L102616E Datasheet HTML 1Page - Lyontek Inc. LY62L102616E Datasheet HTML 2Page - Lyontek Inc. LY62L102616E Datasheet HTML 3Page - Lyontek Inc. LY62L102616E Datasheet HTML 4Page - Lyontek Inc. LY62L102616E Datasheet HTML 5Page - Lyontek Inc. LY62L102616E Datasheet HTML 6Page - Lyontek Inc. LY62L102616E Datasheet HTML 7Page - Lyontek Inc. LY62L102616E Datasheet HTML 8Page - Lyontek Inc. LY62L102616E Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LY62L102616
Rev. 0.2
1024K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
PIN CONFIGURATION
TSOP-I
A15
A14
A13
A12
A8
LY62L102616
8
7
6
5
4
3
2
1
A11
A10
A9
NC
A19
WE#
CE2
NC
UB#
LB#
A18
A17
A7
A6
A5
A4
A3
A2
A1
14
13
12
11
10
9
16
15
22
21
20
19
18
17
24
23
DQ13
BYTE#
DQ15/A-1
DQ7
DQ14
DQ6
44
41
42
43
A16
Vss
48
47
45
46
33
36
35
34
38
39
40
37
25
28
27
26
30
31
32
29
DQ12
DQ5
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ1
DQ9
DQ8
DQ0
OE#
Vss
CE#
A0
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 4.6
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
0 to 70(C grade)
-20 to 80(E grade)
Operating Temperature
TA
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.


Similar Part No. - LY62L102616E

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L102616ALL-55SL LYONTEK-LY62L102616ALL-55SL Datasheet
169Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L102616ALL-55SLI LYONTEK-LY62L102616ALL-55SLI Datasheet
169Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L102616ALL-55SLIT LYONTEK-LY62L102616ALL-55SLIT Datasheet
169Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L102616ALL-55SLT LYONTEK-LY62L102616ALL-55SLT Datasheet
169Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
LY62L102616ALL-70SL LYONTEK-LY62L102616ALL-70SL Datasheet
169Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
More results

Similar Description - LY62L102616E

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62102516 LYONTEK-LY62102516 Datasheet
195Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_13 Datasheet
169Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516_16 Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516_13 Datasheet
348Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1616 ALSC-AS6C1616 Datasheet
1Mb / 11P
   1024K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L102516A LYONTEK-LY62L102516A_12 Datasheet
165Kb / 12P
   1024K x 16 BIT LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616_13 Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516 Datasheet
197Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616 Datasheet
162Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516A LYONTEK-LY62L102516A_16 Datasheet
680Kb / 12P
   1024K x 16 BIT LOW POWER CMOS SRAM
LY62102516 LYONTEK-LY62102516_13 Datasheet
346Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com