Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L102516GL Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY62L102516GL
Description  1024K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L102516GL Datasheet(HTML) 5 Page - Lyontek Inc.

  LY62L102516GL Datasheet HTML 1Page - Lyontek Inc. LY62L102516GL Datasheet HTML 2Page - Lyontek Inc. LY62L102516GL Datasheet HTML 3Page - Lyontek Inc. LY62L102516GL Datasheet HTML 4Page - Lyontek Inc. LY62L102516GL Datasheet HTML 5Page - Lyontek Inc. LY62L102516GL Datasheet HTML 6Page - Lyontek Inc. LY62L102516GL Datasheet HTML 7Page - Lyontek Inc. LY62L102516GL Datasheet HTML 8Page - Lyontek Inc. LY62L102516GL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LY62L102516
Rev. 0.3
1024K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃
5. This parameter is measured at VCC = 3.0V
CAPACITANCE (TA = 25 , f
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC - 0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
LY62L102516-55
LY62L102516-70
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
UNIT
Read Cycle Time
tRC
55
-
70
-
ns
Address Access Time
tAA
-
55
-
70
ns
Chip Enable Access Time
tACE
-
55
-
70
ns
Output Enable Access Time
tOE
-
30
-
35
ns
Chip Enable to Output in Low-Z
tCLZ*
10
-
10
-
ns
Output Enable to Output in Low-Z
tOLZ*
5
-
5
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
20
-
25
ns
Output Disable to Output in High-Z
tOHZ*
-
20
-
25
ns
Output Hold from Address Change
tOH
10
-
10
-
ns
LB#, UB# Access Time
tBA
-
55
-
70
ns
LB#, UB# to High-Z Output
tBHZ*
-
25
-
30
ns
LB#, UB# to Low-Z Output
tBLZ*
10
-
10
-
ns
(2) WRITE CYCLE
LY62L102516-55
LY62L102516-70
PARAMETER
SYM.
MIN.
MAX.
MIN.
MAX.
UNIT
Write Cycle Time
tWC
55
-
70
-
ns
Address Valid to End of Write
tAW
50
-
60
-
ns
Chip Enable to End of Write
tCW
50
-
60
-
ns
Address Set-up Time
tAS
0
-
0
-
ns
Write Pulse Width
tWP
45
-
55
-
ns
Write Recovery Time
tWR
0
-
0
-
ns
Data to Write Time Overlap
tDW
25
-
30
-
ns
Data Hold from End of Write Time
tDH
0
-
0
-
ns
Output Active from End of Write
tOW*
5
-
5
-
ns
Write to Output in High-Z
tWHZ*
-
20
-
25
ns
LB#, UB# Valid to End of Write
tBW
45
-
60
-
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - LY62L102516GL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L102516GL-55SL LYONTEK-LY62L102516GL-55SL Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516GL-55SLE LYONTEK-LY62L102516GL-55SLE Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516GL-55SLET LYONTEK-LY62L102516GL-55SLET Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516GL-55SLI LYONTEK-LY62L102516GL-55SLI Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516GL-55SLIT LYONTEK-LY62L102516GL-55SLIT Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L102516GL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62102516 LYONTEK-LY62102516 Datasheet
195Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_13 Datasheet
169Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516_16 Datasheet
470Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516 LYONTEK-LY62L102516_13 Datasheet
348Kb / 14P
   1024K X 16 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1616 ALSC-AS6C1616 Datasheet
1Mb / 11P
   1024K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L102516A LYONTEK-LY62L102516A_12 Datasheet
165Kb / 12P
   1024K x 16 BIT LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616_13 Datasheet
205Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62102616 LYONTEK-LY62102616 Datasheet
162Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102516A LYONTEK-LY62L102516A_16 Datasheet
680Kb / 12P
   1024K x 16 BIT LOW POWER CMOS SRAM
LY62102516 LYONTEK-LY62102516_13 Datasheet
346Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com