Electronic Components Datasheet Search |
|
LY62L102516LV Datasheet(PDF) 5 Page - Lyontek Inc. |
|
LY62L102516LV Datasheet(HTML) 5 Page - Lyontek Inc. |
5 / 13 page LY62L102516 Rev. 0.3 1024K X 16 BIT LOW POWER CMOS SRAM Lyontek Inc. reserves the rights to change the specifications and products without notice. 5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan. TEL: 886-3-6668838 FAX: 886-3-6668836 4 ® 4. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(TYP.) and TA = 25℃ 5. This parameter is measured at VCC = 3.0V CAPACITANCE (TA = 25 , f ℃ = 1.0MHz) PARAMETER SYMBOL MIN. MAX UNIT Input Capacitance CIN - 6 pF Input/Output Capacitance CI/O - 8 pF Note : These parameters are guaranteed by device characterization, but not production tested. AC TEST CONDITIONS Input Pulse Levels 0.2V to VCC - 0.2V Input Rise and Fall Times 3ns Input and Output Timing Reference Levels 1.5V Output Load CL = 30pF + 1TTL, IOH/IOL = -1mA/2mA AC ELECTRICAL CHARACTERISTICS (1) READ CYCLE LY62L102516-55 LY62L102516-70 PARAMETER SYM. MIN. MAX. MIN. MAX. UNIT Read Cycle Time tRC 55 - 70 - ns Address Access Time tAA - 55 - 70 ns Chip Enable Access Time tACE - 55 - 70 ns Output Enable Access Time tOE - 30 - 35 ns Chip Enable to Output in Low-Z tCLZ* 10 - 10 - ns Output Enable to Output in Low-Z tOLZ* 5 - 5 - ns Chip Disable to Output in High-Z tCHZ* - 20 - 25 ns Output Disable to Output in High-Z tOHZ* - 20 - 25 ns Output Hold from Address Change tOH 10 - 10 - ns LB#, UB# Access Time tBA - 55 - 70 ns LB#, UB# to High-Z Output tBHZ* - 25 - 30 ns LB#, UB# to Low-Z Output tBLZ* 10 - 10 - ns (2) WRITE CYCLE LY62L102516-55 LY62L102516-70 PARAMETER SYM. MIN. MAX. MIN. MAX. UNIT Write Cycle Time tWC 55 - 70 - ns Address Valid to End of Write tAW 50 - 60 - ns Chip Enable to End of Write tCW 50 - 60 - ns Address Set-up Time tAS 0 - 0 - ns Write Pulse Width tWP 45 - 55 - ns Write Recovery Time tWR 0 - 0 - ns Data to Write Time Overlap tDW 25 - 30 - ns Data Hold from End of Write Time tDH 0 - 0 - ns Output Active from End of Write tOW* 5 - 5 - ns Write to Output in High-Z tWHZ* - 20 - 25 ns LB#, UB# Valid to End of Write tBW 45 - 60 - ns *These parameters are guaranteed by device characterization, but not production tested. |
Similar Part No. - LY62L102516LV |
|
Similar Description - LY62L102516LV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |