Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L12916LV Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY62L12916LV
Description  128K X 16 BIT LOW POWER CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L12916LV Datasheet(HTML) 3 Page - Lyontek Inc.

  LY62L12916LV Datasheet HTML 1Page - Lyontek Inc. LY62L12916LV Datasheet HTML 2Page - Lyontek Inc. LY62L12916LV Datasheet HTML 3Page - Lyontek Inc. LY62L12916LV Datasheet HTML 4Page - Lyontek Inc. LY62L12916LV Datasheet HTML 5Page - Lyontek Inc. LY62L12916LV Datasheet HTML 6Page - Lyontek Inc. LY62L12916LV Datasheet HTML 7Page - Lyontek Inc. LY62L12916LV Datasheet HTML 8Page - Lyontek Inc. LY62L12916LV Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LY62L12916
Rev. 0.4
128K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
A1
A2
A3
A4
DQ15
DQ0
DQ1
DQ2
Vcc
Vss
NC
A16
DQ14
DQ12
DQ13
DQ11
Vss
Vcc
DQ10
DQ9
DQ3
DQ4
TSOP II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A15
A0
DQ6
DQ7
A5
A6
A7
A8
A9
DQ5
DQ8
A14
A13
A12
A10
CE2
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
A11
CE#
WE#
LB#
UB#
OE#
TFBGA
NC
A3
A10
A9
A11
A0
A14
A8
NC
WE#
DQ9
DQ14
DQ15
NC
Vss
CE2
A13
DQ8
Vcc
Vcc
DQ7
A15
Vss
CE#
LB#
DQ6
DQ2
DQ0
A2
OE#
A1
A6
A5
A4
UB#
1234
56
H
G
C
D
E
F
A
B
A12
NC
NC
A7
A16
DQ10
DQ11
DQ12
DQ13
DQ5
DQ4
DQ3
DQ1
LY62L12916
A10
A11
A12
A13
DQ5
NC
NC
WE#
NC
UB#
A0
A5
DQ12
Vcc
DQ4
DQ10
DQ11
DQ3
DQ2
DQ9
CE2
LB#
TSOP I
30
16
15
14
13
12
11
10
9
8
7
6
5
4
3
19
18
17
22
21
20
24
25
26
27
28
29
23
A4
A9
NC
A7
Vss
DQ15
DQ7
DQ0
OE#
NC
DQ1
A3
A2
A1
Vss
DQ8
36
31
32
33
34
35
46
41
42
43
44
45
37
38
39
40
CE#
A8
A6
DQ13
DQ6
DQ14
2
1
NC
47
A16
48
A14
A15


Similar Part No. - LY62L12916LV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12916L-45SLT LYONTEK-LY62L12916L-45SLT Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916LL-45LL LYONTEK-LY62L12916LL-45LL Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916LL-45LLE LYONTEK-LY62L12916LL-45LLE Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916LL-45LLET LYONTEK-LY62L12916LL-45LLET Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916LL-45LLI LYONTEK-LY62L12916LL-45LLI Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L12916LV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_13 Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816_1008 LYONTEK-LY6212816_1008 Datasheet
282Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6212816 LYONTEK-LY6212816_16 Datasheet
655Kb / 16P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_17 Datasheet
954Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12916 ETC-UT62L12916 Datasheet
234Kb / 8P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com