Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NYC0102BLT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NYC0102BLT1G
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NYC0102BLT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NYC0102BLT1G Datasheet HTML 1Page - ON Semiconductor NYC0102BLT1G Datasheet HTML 2Page - ON Semiconductor NYC0102BLT1G Datasheet HTML 3Page - ON Semiconductor NYC0102BLT1G Datasheet HTML 4Page - ON Semiconductor NYC0102BLT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NYC0102BLT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward Blocking Current
(VDRM = 200 V, RGK = 1 kW)TC = 25°C
TC = 125°C
IDRM
1.0
100
mA
mA
Peak Repetitive Reverse Blocking Current
(VDRM = 200 V, RGK = 1 kW)TC = 25°C
TC = 125°C
IRRM
1.0
100
mA
mA
ON CHARACTERISTICS
Peak Forward On−State Voltage
(ITM = 0.4 A, tp < 1 ms, TC = 25°C)
VTM
1.7
V
Gate Trigger Current
(VD = 12 V, RL = 100 W, TC = 25°C)
IGT
200
mA
Gate Trigger Voltage
(VD = 12 V, RL = 100 W, TC = 25°C)
VGT
0.8
V
Holding Current
(IT = 50 mA, RGK = 1 kW, TC = 25°C)
IH
6.0
mA
Gate Non−Trigger Voltage
(VD = VDRM, RL = 3.3 kW, TC = 125°C)
VGD
0.1
V
Latching Current
(IG = 1.0 mA, RGK = 1 kW, TC = 25°C)
IL
7.0
mA
Gate Reverse Voltage
(IRG = 10 mA)
VRG
8.0
V
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off−State Voltage
(RGK = 1 kW, TC = 125°C)
dv/dt
200
V/ms
Critical Rate of Rise of On−State Current
(IG = 2xIGT 60 Hz, tr < 100 ns, TJ = 125°C)
di/dt
50
A/ms
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak on State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)


Similar Part No. - NYC0102BLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
NYC008-6JG ONSEMI-NYC008-6JG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
NYC008-6JRLRAG ONSEMI-NYC008-6JRLRAG Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
NYC008-6JRLRAG ONSEMI-NYC008-6JRLRAG Datasheet
142Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
January, 2010 ??Rev. 0
More results

Similar Description - NYC0102BLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com