Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BEGV639M2 Datasheet(PDF) 3 Page - Bolymin, Inc

Part # BEGV639M2
Description  Display Embedded System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOLYMIN [Bolymin, Inc]
Direct Link  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BEGV639M2 Datasheet(HTML) 3 Page - Bolymin, Inc

  BEGV639M2 Datasheet HTML 1Page - Bolymin, Inc BEGV639M2 Datasheet HTML 2Page - Bolymin, Inc BEGV639M2 Datasheet HTML 3Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RS232
isolated
/
isolated
RS-485 RS-422
(PLC)
(Terminal)
I²C
(Real-time clock)
(A/D Converter)
BOLYMIN, INC.
BOLYMIN, INC.
128 x 64 STN
BEGV627M
BEGV606M
20 x 2 STN
128 x 64 OLED
BEGV629M
240 x 64 STN
BEGV639M
Display Embedded System
Display Embedded System
BEGV606M/627M/629M/639M
BEGV606M/627M/629M/639M
MICROCHIP PIC 16bit microprocessor
PIC24FJ64GA004
64K Bytes In-system programmable flash
8K Bytes SRAM
MICROCHIP PIC 16bit microprocessor
PIC24FJ64GA002
64K Bytes In-system programmable flash
8K Bytes SRAM


Similar Part No. - BEGV639M2

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV639M BOLYMIN-BEGV639M_17 Datasheet
3Mb / 1P
   High Performance Low power Pic 16-bit microprocessor
More results

Similar Description - BEGV639M2

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV641N BOLYMIN-BEGV641N Datasheet
327Kb / 3P
   Display Embedded System
BEGV606M BOLYMIN-BEGV606M Datasheet
291Kb / 3P
   Display Embedded System
BEGV627M BOLYMIN-BEGV627M Datasheet
270Kb / 3P
   Display Embedded System
BEGV643A BOLYMIN-BEGV643A Datasheet
127Kb / 2P
   Display Embedded System
BEGA220A BOLYMIN-BEGA220A Datasheet
104Kb / 2P
   Display Embedded System
logo
DFI Inc
ST101-CP DFI-ST101-CP Datasheet
1Mb / 2P
   Embedded System
logo
Bolymin, Inc
BEGX581A BOLYMIN-BEGX581A Datasheet
145Kb / 2P
   Mobile Embedded System
logo
DFI Inc
EC70B-SU DFI-EC70B-SU Datasheet
1Mb / 4P
   Fanless Embedded System
logo
Contec Co., Ltd
BX-S959SD CONTEC-BX-S959SD Datasheet
364Kb / 2P
   Embedded Fanless System
logo
DFI Inc
GM341-GHF DFI-GM341-GHF Datasheet
600Kb / 4P
   Gaming Embedded System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com