Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTUD3128N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTUD3128N
Description  Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTUD3128N Datasheet(HTML) 2 Page - ON Semiconductor

  NTUD3128N Datasheet HTML 1Page - ON Semiconductor NTUD3128N Datasheet HTML 2Page - ON Semiconductor NTUD3128N Datasheet HTML 3Page - ON Semiconductor NTUD3128N Datasheet HTML 4Page - ON Semiconductor NTUD3128N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTUD3128N
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction-to-Ambient – Steady State (Note 3)
RqJA
1000
°C/W
Junction-to-Ambient – t = 5 s (Note 3)
600
3. Surface-mounted on FR4 board using the minimum recommended pad size, 1 oz Cu.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
20
V
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V, VDS = 5 V
TJ = 25°C
50
nA
TJ = 85°C
200
VGS = 0 V, VDS = 16 V
TJ = 25°C
100
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5.0 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
0.4
1.0
V
Drain-to-Source On Resistance
RDS(ON)
VGS = 4.5 V, ID = 100 mA
1.5
3.0
W
VGS = 2.5 V, ID = 50 mA
2.0
4.0
VGS = 1.8 V, ID = 20 mA
3.0
6.0
VGS = 1.5 V, ID = 10 mA
4.0
10
VGS = 1.2 V, ID = 1.0 mA
5.5
Forward Transconductance
gFS
VDS = 5.0 V, ID = 125 mA
0.35
S
Source-Drain Diode Voltage
VSD
VGS = 0 V, ID = 10 mA
0.6
1.0
V
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
f = 1.0 MHz, VGS = 0 V
VDS = 15 V
9.0
pF
Output Capacitance
COSS
3.0
Reverse Transfer Capacitance
CRSS
2.2
SWITCHING CHARACTERISTICS, VGS = 4.5 V (Note 4)
Turn-On Delay Time
td(ON)
VGS = 4.5 V, VDD = 10 V, ID = 200 mA,
RG = 2.0 W
15
ns
Rise Time
tr
24
Turn-Of f Delay Time
td(OFF)
90
Fall Time
tf
60
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTUD3128N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3127CT5G ONSEMI-NTUD3127CT5G Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3129PT5G ONSEMI-NTUD3129PT5G Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
More results

Similar Description - NTUD3128N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTUD3129P ONSEMI-NTUD3129P Datasheet
87Kb / 5P
   Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package
June, 2007 - Rev. 0
NTUD3127C ONSEMI-NTUD3127C Datasheet
119Kb / 8P
   Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1
NTUD3170NZ ONSEMI-NTUD3170NZ Datasheet
107Kb / 5P
   Small Signal MOSFET 20 V, 220 mA, Dual N?묬hannel, 1.0 mm x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3169CZ ONSEMI-NTUD3169CZ Datasheet
124Kb / 8P
   Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTNS3164NZ ONSEMI-NTNS3164NZ_13 Datasheet
125Kb / 6P
   Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
March, 2013 ??Rev. 0
NTNS3164NZ ONSEMI-NTNS3164NZ Datasheet
100Kb / 4P
   20 V, 245 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
June, 2012 ??Rev. P1
NTNS3A65PZ ONSEMI-NTNS3A65PZ Datasheet
123Kb / 6P
   ??0 V, ??81 mA, Single P?묬hannel, SOT??83 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
September, 2012 ??Rev. 0
NTNS3A91PZ ONSEMI-NTNS3A91PZ Datasheet
99Kb / 3P
   Small Signal MOSFET .20 V, .214 mA, Single P.Channel, 0.62 x 0.62 x 0.4 mm XLLGA3 Package
June, 2012 ??Rev. P2
logo
Panasonic Semiconductor
LN224RP PANASONIC-LN224RP Datasheet
31Kb / 1P
   5.0 mm X 1.0 mm Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com