Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTTFS4937NTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTTFS4937NTAG
Description  Power MOSFET 30 V, 75 A, Single N?묬hannel, 8FL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS4937NTAG Datasheet(HTML) 5 Page - ON Semiconductor

  NTTFS4937NTAG Datasheet HTML 1Page - ON Semiconductor NTTFS4937NTAG Datasheet HTML 2Page - ON Semiconductor NTTFS4937NTAG Datasheet HTML 3Page - ON Semiconductor NTTFS4937NTAG Datasheet HTML 4Page - ON Semiconductor NTTFS4937NTAG Datasheet HTML 5Page - ON Semiconductor NTTFS4937NTAG Datasheet HTML 6Page - ON Semiconductor NTTFS4937NTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTTFS4937N
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Qg, TOTAL GATE CHARGE (nC)
25
20
15
10
5
0
0
200
1200
1600
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
0.9
0.8
0.7
1.0
0.6
0.5
0.4
0
5
10
15
20
25
30
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy vs.
Starting Junction Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ, STARTING JUNCTION TEMPERATURE (°C)
150
125
100
75
50
25
0
10
40
60
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
TJ = 25°C
VDD = 15 V
VGS = 10 V
ID = 20 A
VDD = 15 V
ID = 15 A
VGS = 10 V
td(off)
td(on)
tr
tf
TJ = 25°C
TJ = 125°C
VGS = 0 V
VGS = 20 V
Single Pulse
TC = 25°C
RDS(on) Limit
Thermal Limit
Package Limit
100 ms
10 ms
1 ms
dc
ID = 37 A
2000
2800
20
30
50
70
400
600
800
1000
1400
1800
2200
2400
2600
10 ms
0
1
2
3
4
5
6
7
8
9
10
11
0 2 4 6 8 10 121416 1820 22 242628 3032
Qgs
Qgd
0.01
0.1
1
10
100
1000
0.01
1
10
100
QT
30
0.1


Similar Part No. - NTTFS4937NTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS4937NTAG ONSEMI-NTTFS4937NTAG Datasheet
122Kb / 7P
   Power MOSFET
January, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com