Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L5128PL Datasheet(PDF) 3 Page - Lyontek Inc.

Part # LY62L5128PL
Description  512K X 8 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L5128PL Datasheet(HTML) 3 Page - Lyontek Inc.

  LY62L5128PL Datasheet HTML 1Page - Lyontek Inc. LY62L5128PL Datasheet HTML 2Page - Lyontek Inc. LY62L5128PL Datasheet HTML 3Page - Lyontek Inc. LY62L5128PL Datasheet HTML 4Page - Lyontek Inc. LY62L5128PL Datasheet HTML 5Page - Lyontek Inc. LY62L5128PL Datasheet HTML 6Page - Lyontek Inc. LY62L5128PL Datasheet HTML 7Page - Lyontek Inc. LY62L5128PL Datasheet HTML 8Page - Lyontek Inc. LY62L5128PL Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LY62L5128
Rev. 1.7
512K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
2
®
PIN CONFIGURATION
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
Vss
A14
Vcc
A8
A9
A11
A10
DQ7
DQ6
DQ5
DQ4
DQ3
SOP/P-DIP
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A13
CE#
OE#
WE#
A16
A18
29
32
30
31
A17
A15
TSOP-I/STSOP
DQ3
A11
A9
A8
A13
DQ2
A10
A14
A12
A7
A6
A5
Vcc
DQ7
DQ6
DQ5
DQ4
Vss
DQ1
DQ0
A0
A1
A2
A4
A3
LY62L5128
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
OE#
WE#
CE#
A17
A15
A16
A18
32
31
29
30
A3
A4
NC
NC
A8
A0
CE#
DQ0
Vcc
Vss
NC
A16
OE#
DQ6
DQ7
DQ5
Vss
Vcc
DQ4
A9
DQ1
DQ2
TSOP-II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A15
A2
WE#
A18
NC
NC
NC
A12
A13
DQ3
A10
A14
NC
NC
NC
A11
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
NC
A1
A17
A7
A6
A5
TFBGA
OE#
WE#
A12
A11
A13
NC
A18
A10
A14
A15
DQ5
DQ6
DQ7
A9
Vss
A8
A16
DQ4
Vcc
Vcc
DQ3
A17
Vss
A7
A0
DQ2
DQ1
DQ0
A6
A1
A3
A5
NC
A4
A2
1234
56
H
G
C
D
E
F
A
B
CE#


Similar Part No. - LY62L5128PL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L5128PL-45LL LYONTEK-LY62L5128PL-45LL Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128PL-45LL LYONTEK-LY62L5128PL-45LL Datasheet
1Mb / 22P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128PL-45LLE LYONTEK-LY62L5128PL-45LLE Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128PL-45LLE LYONTEK-LY62L5128PL-45LLE Datasheet
1Mb / 22P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128PL-45LLET LYONTEK-LY62L5128PL-45LLET Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L5128PL

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_12 Datasheet
309Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
   512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com