Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZ9F12VST5G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NZ9F12VST5G
Description  Zener Voltage Regulators 200 mW SOD??23 Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZ9F12VST5G Datasheet(HTML) 4 Page - ON Semiconductor

  NZ9F12VST5G Datasheet HTML 1Page - ON Semiconductor NZ9F12VST5G Datasheet HTML 2Page - ON Semiconductor NZ9F12VST5G Datasheet HTML 3Page - ON Semiconductor NZ9F12VST5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NZ9F2V4ST5G SERIES
http://onsemi.com
4
PACKAGE DIMENSIONS
SOD−923
CASE 514AB−01
ISSUE B
0.40
0.30
0.90
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD
THICKNESS IS THE MINIMUM THICKNESS OF
BASE MATERIAL.
DIM MIN
NOM
MAX
MILLIMETERS
A
0.34
0.37
0.40
b
0.15
0.20
0.25
c
0.07
0.12
0.17
D
0.75
0.80
0.85
E
0.55
0.60
0.65
0.95
1.00
1.05
L
0.05
0.10
0.15
HE
0.013 0.015 0.016
0.006 0.008 0.010
0.003 0.005 0.007
0.030 0.031 0.033
0.022 0.024 0.026
0.037 0.039 0.041
0.002 0.004 0.006
MIN
NOM
MAX
INCHES
D
E
b
c
A
L
2X
−Y−
−X−
0.08 (0.0032) XY
HE
2
1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NZ9F2V4S/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NZ9F12VST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZ9F12VST5G ONSEMI-NZ9F12VST5G Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD.923 Surface Mount
June, 2011 ??Rev. 1
NZ9F12VST5G ONSEMI-NZ9F12VST5G Datasheet
56Kb / 4P
   Zener Voltage Regulators
July, 2014 ??Rev. 3
More results

Similar Description - NZ9F12VST5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
logo
Leshan Radio Company
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z2V4T1 ONSEMI-MM3Z2V4T1_06 Datasheet
58Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2006 ??Rev. 7
NZ9F2V4T5G ONSEMI-NZ9F2V4T5G Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
July, 2008 ??Rev. 1
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com