Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZ9F5V1ST5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NZ9F5V1ST5G
Description  Zener Voltage Regulators 200 mW SOD??23 Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZ9F5V1ST5G Datasheet(HTML) 3 Page - ON Semiconductor

  NZ9F5V1ST5G Datasheet HTML 1Page - ON Semiconductor NZ9F5V1ST5G Datasheet HTML 2Page - ON Semiconductor NZ9F5V1ST5G Datasheet HTML 3Page - ON Semiconductor NZ9F5V1ST5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NZ9F2V4ST5G SERIES
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VF = 0.9 Max @ IF = 10 mA for all types)
Device
Device
Marking
Zener Voltage
VZ
Test
Current
Izt mA
ZZT
IZ = IZT
@ 10%
Mod W
Max
ZZK IZ
= 1.0
mA W
Max
IZK
mA
Max
IR @ VR
dVZ/dt (mV/k)
@ IZT1 = 5 mA
CpF Max @
VR = 0
f = 1 MHz
Min
Max
mA
V
Min
Max
NZ9F2V4ST5G
2*
2.43
2.63
5
100
1000
1
50
1
−3.5
0
210
NZ9F2V7ST5G
3*
2.67
2.91
5
100
1000
1
20
1
−3.5
0
210
NZ9F3V0ST5G
4*
2.94
3.26
5
100
1000
1
10
1
−3.5
0
210
NZ9F3V3ST5G
5*
3.32
3.53
5
100
1000
1
10
1
−3.5
0
210
NZ9F3V6ST5G
6*
3.6
3.85
5
100
1000
1
10
1
−3.5
0
210
NZ9F3V9ST5G
A**
3.89
4.16
5
100
1000
1
5
1
−3.5
−2.5
210
NZ9F4V3ST5G
D**
4.17
4.43
5
100
1000
1
5
1
−3.5
0
210
NZ9F4V7ST5G
E**
4.55
4.75
5
100
800
0.5
2
1
−3.5
0.2
150
NZ9F5V1ST5G
F**
4.989
5.2
5
80
500
0.5
2
1.5
−2.7
1.2
130
NZ9F5V6ST5G
J**
5.49
5.73
5
60
200
0.5
1
2.5
−2.0
2.5
115
NZ9F6V2ST5G
K**
6.06
6.33
5
60
100
0.5
1
3
0.4
3.7
110
NZ9F6V8ST5G
L**
6.65
6.93
5
40
60
0.5
0.5
3.5
1.2
4.5
105
NZ9F7V5ST5G
P**
7.28
7.6
5
30
60
0.5
0.5
4
2.5
5.3
100
NZ9F8V2ST5G
Q**
8.02
8.36
5
30
60
0.5
0.5
5
3.2
6.2
90
NZ9F9V1ST5G
R**
8.85
9.23
5
30
60
0.5
0.5
6
3.8
7
80
NZ9F10VST5G
T**
9.77
10.21
5
30
60
0.5
0.1
7
4.5
8
80
NZ9F11VST5G
V**
10.76
11.22
5
30
60
0.5
0.1
8
5.4
9
80
NZ9F12VST5G
Y**
11.74
12.24
5
30
80
0.5
0.1
9
6
10
80
NZ9F13VST5G
2**
12.91
13.49
5
37
80
0.5
0.1
10
7
11
75
NZ9F15VST5G
3**
14.34
14.98
5
42
80
0.5
0.1
11
9.2
13
70
NZ9F16VST5G
4**
15.85
16.51
5
50
80
0.5
0.1
12
10.4
14
65
NZ9F18VST5G
5**
17.56
18.35
5
50
80
0.5
0.1
14
12.4
16
60
*Rotated 90°.
**Rotated 180°.


Similar Part No. - NZ9F5V1ST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZ9F5V1ST5G ONSEMI-NZ9F5V1ST5G Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD.923 Surface Mount
June, 2011 ??Rev. 1
NZ9F5V1ST5G ONSEMI-NZ9F5V1ST5G Datasheet
56Kb / 4P
   Zener Voltage Regulators
July, 2014 ??Rev. 3
More results

Similar Description - NZ9F5V1ST5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
logo
Leshan Radio Company
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z2V4T1 ONSEMI-MM3Z2V4T1_06 Datasheet
58Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2006 ??Rev. 7
NZ9F2V4T5G ONSEMI-NZ9F2V4T5G Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
July, 2008 ??Rev. 1
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com