Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY61L25616ML Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY61L25616ML
Description  256K X 16 BIT HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY61L25616ML Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY61L25616ML Datasheet HTML 2Page - Lyontek Inc. LY61L25616ML Datasheet HTML 3Page - Lyontek Inc. LY61L25616ML Datasheet HTML 4Page - Lyontek Inc. LY61L25616ML Datasheet HTML 5Page - Lyontek Inc. LY61L25616ML Datasheet HTML 6Page - Lyontek Inc. LY61L25616ML Datasheet HTML 7Page - Lyontek Inc. LY61L25616ML Datasheet HTML 8Page - Lyontek Inc. LY61L25616ML Datasheet HTML 9Page - Lyontek Inc. LY61L25616ML Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LY61L25616
Rev. 2.1
256K X 16 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
CAPACITANCE (TA = 25 , f
= 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
8
pF
Input/Output Capacitance
CI/O
-
10
pF
Note : These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
Input Pulse Levels
0.2V to VCC - 0.2V
Input Rise and Fall Times
3ns
Input and Output Timing Reference Levels
1.5V
Output Load
CL = 30pF + 1TTL, IOH/IOL = -8mA/16mA
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
LY61L25616
-10
LY61L25616
-12
LY61L25616
-15
LY61L25616
-20
LY61L25616
-25
PARAMETER
SYM.
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
UNIT
Read Cycle Time
tRC
10
-
12
-
15
-
20
-
25
-
ns
Address Access Time
tAA
-
10
-
12
-
15
-
20
-
25
ns
Chip Enable Access Time
tACE
-
10
-
12
-
15
-
20
-
25
ns
Output Enable Access Time
tOE
-
5
-
6
-
7
-
8
-
9
ns
Chip Enable to Output in Low-Z
tCLZ*
2
-
3
-
4
-
4
-
4
-
ns
Output Enable to Output in Low-Z
tOLZ*
0
-
0
-
0
-
0
-
0
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
5
-
6
-
7
-
8
-
9
ns
Output Disable to Output in High-Z
tOHZ*
-
5
-
6
-
7
-
8
-
9
ns
Output Hold from Address Change
tOH
3
-
3
-
3
-
3
-
3
-
ns
LB#, UB# Access Time
tBA
-
5
-
6
-
7
-
8
-
9
ns
LB#, UB# to High-Z Output
tBHZ*
-
5
-
6
-
7
-
8
-
9
ns
LB#, UB# to Low-Z Output
tBLZ*
2
-
3
-
4
-
4
-
4
-
ns
(2) WRITE CYCLE
LY61L25616
-10
LY61L25616
-12
LY61L25616
-15
LY61L25616
-20
LY61L25616
-25
PARAMETER
SYM.
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
UNIT
Write Cycle Time
tWC
10
-
12
-
15
-
20
-
25
-
ns
Address Valid to End of Write
tAW
8
-
10
-
12
-
16
-
20
-
ns
Chip Enable to End of Write
tCW
8
-
10
-
12
-
16
-
20
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
0
-
0
-
ns
Write Pulse Width
tWP
8
-
9
-
10
-
11
-
12
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
0
-
0
-
ns
Data to Write Time Overlap
tDW
6
-
7
-
8
-
9
-
10
-
ns
Data Hold from End of Write Time
tDH
0
-
0
-
0
-
0
-
0
-
ns
Output Active from End of Write
tOW*
2
-
3
-
4
-
5
-
6
-
ns
Write to Output in High-Z
tWHZ*
-
6
-
7
-
8
-
9
-
10
ns
LB#, UB# Valid to End of Write
tBW
8
-
10
-
12
-
16
-
20
-
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - LY61L25616ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L25616ML-10LL LYONTEK-LY61L25616ML-10LL Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616ML-10LLE LYONTEK-LY61L25616ML-10LLE Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616ML-10LLET LYONTEK-LY61L25616ML-10LLET Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616ML-10LLI LYONTEK-LY61L25616ML-10LLI Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616ML-10LLIT LYONTEK-LY61L25616ML-10LLIT Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
More results

Similar Description - LY61L25616ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_13 Datasheet
362Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616 Datasheet
165Kb / 13P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY6125616 LYONTEK-LY6125616_16 Datasheet
723Kb / 14P
   5V 256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568 Datasheet
152Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568 LYONTEK-LY61L2568_13 Datasheet
215Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
LY61L2568A LYONTEK-LY61L2568A_12 Datasheet
266Kb / 11P
   256K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com