Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRD620 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MBRD620
Description  SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MBRD620 Datasheet(HTML) 1 Page - Motorola, Inc

  MBRD620 Datasheet HTML 1Page - Motorola, Inc MBRD620 Datasheet HTML 2Page - Motorola, Inc MBRD620 Datasheet HTML 3Page - Motorola, Inc MBRD620 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Rectifier Device Data
SWITCHMODE™ Power Rectifiers
DPAK Surface Mount Package
...in switching power supplies, inverters and as free wheeling diodes, these
state–of–the–art devices have the following features:
• Extremely Fast Switching
• Extremely Low Forward Drop
• Platinum Barrier with Avalanche Guardrings
• Guaranteed Reverse Avalanche
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 0.4 gram (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are
Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 260°C
Max. for 10 Seconds
• Shipped 75 units per plastic tube
• Available in 16 mm Tape and Reel, 2500 units per reel, by adding a “T4’’
suffix to the part number
• Marking: B620T, B630T, B640T, B650T, B660T
MAXIMUM RATINGS
Rating
Symbol
MBRD
Unit
Rating
Symbol
620CT
630CT
640CT
650CT
660CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
Volts
Average Rectified Forward Current
Per Diode
TC = 130°C (Rated VR)
Per Device
IF(AV)
3
6
Amps
Peak Repetitive Forward Current, TC = 130°C
(Rated VR, Square Wave, 20 kHz) Per Diode
IFRM
6
Amps
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
75
Amps
Peak Repetitive Reverse Surge Current (2
µs, 1 kHz)
IRRM
1
Amp
Operating Junction Temperature
TJ
–65 to +150
°C
Storage Temperature
Tstg
–65 to +175
°C
Voltage Rate of Change (Rated VR)
dv/dt
10000
V/
µs
THERMAL CHARACTERISTICS PER DIODE
Maximum Thermal Resistance, Junction to Case
R
θJC
6
°C/W
Maximum Thermal Resistance, Junction to Ambient (1)
R
θJA
80
°C/W
(1) Rating applies when surface mounted on the minimum pad size recommended.
SWITCHMODE is a trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
© Motorola, Inc. 1996
Order this document
by MBRD620CT/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
3
4
MBRD620CT
MBRD630CT
MBRD640CT
MBRD650CT
MBRD660CT
SCHOTTKY BARRIER
RECTIFIERS
6 AMPERES
20 TO 60 VOLTS
CASE 369A–13
PLASTIC
MBRD620CT, MBRD640CT and
MBRD660CT are
Motorola Preferred Devices
1
3
4
Rev 1


Similar Part No. - MBRD620

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD6200 SMC-MBRD6200 Datasheet
137Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBRD6200 SMCDIODE-MBRD6200 Datasheet
846Kb / 4P
   MBRD6200 SCHOTTKY RECTIFIER
Rev. B
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT Datasheet
65Kb / 6P
   SWITCHMODE Power Rectifiers
August, 2004 ??Rev. 4
MBRD620CT ONSEMI-MBRD620CT Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
logo
Frontier Electronics.
MBRD620CT FRONTIER-MBRD620CT Datasheet
124Kb / 2P
   6A DUAL SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBRD620

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD835L MOTOROLA-MBRD835L Datasheet
127Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
MBRD320 MOTOROLA-MBRD320 Datasheet
93Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MURD530 ONSEMI-MURD530 Datasheet
107Kb / 5P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
November, 2008 ??Rev. 1
SURD8320T4G ONSEMI-SURD8320T4G Datasheet
136Kb / 4P
   SWITCHMODE Power Rectifier DPAK Surface Mount Package
January, 2012 ??Rev. 7
logo
Motorola, Inc
MBRF1545CT MOTOROLA-MBRF1545CT Datasheet
78Kb / 4P
   SWITCHMODE??Schottky Power Rectifirers
MBRF1045 MOTOROLA-MBRF1045 Datasheet
102Kb / 6P
   SWITCHMODE??Schottky Power Rectifirers
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
   SWITCHMODE??Schottky Power Rectifirers
MBRB2515L MOTOROLA-MBRB2515L Datasheet
101Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
MBRB20100CT MOTOROLA-MBRB20100CT Datasheet
105Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
ON Semiconductor
MBRB20100CT ONSEMI-MBRB20100CT Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com