Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD3158CT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTJD3158CT4G
Description  Power MOSFET 20 V, 0.63/-0.82 A, SC-88 Complementary, ESD Protected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD3158CT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTJD3158CT4G Datasheet HTML 1Page - ON Semiconductor NTJD3158CT4G Datasheet HTML 2Page - ON Semiconductor NTJD3158CT4G Datasheet HTML 3Page - ON Semiconductor NTJD3158CT4G Datasheet HTML 4Page - ON Semiconductor NTJD3158CT4G Datasheet HTML 5Page - ON Semiconductor NTJD3158CT4G Datasheet HTML 6Page - ON Semiconductor NTJD3158CT4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2008
January, 2008 - Rev. 0
1
Publication Order Number:
NTJD3158C/D
NTJD3158C
Power MOSFET
20 V, +0.63/-0.82 A,
SC-88 Complementary, ESD Protected
Features
Complementary N- and P-Channel MOSFET
Small Size Dual SC-88 Package
Reduced Gate Charge to Improve Switching Response
Independently Connected Devices to Provide Design Flexibility
This is a Pb-Free Device
Applications
DC-DC Conversion Circuits
Load/Power Switching with Level Shift
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGS
±12
V
N-Channel
Continuous Drain
Current (Note 1)
Steady State
TA = 25°C
ID
0.63
A
TA = 85°C
0.46
t
≤ 5 s
TA = 25°C
0.72
P-Channel
Continuous Drain
Current (Note 1)
Steady State
TA = 25°C
ID
-0.82
A
TA = 85°C
-0.59
t
≤ 5 s
TA = 25°C
-0.93
Power Dissipation
(Note 1)
Steady State
TA = 25°C
PD
0.27
W
t
≤ 5 s
0.35
Pulsed Drain
Current
N-Ch
tp = 10
ms
IDM
1.3
A
P-Ch
-1.6
Operating Junction and Storage Temperature
TJ, Tstg
-55 to
150
°C
Source Current (Body Diode)
IS
0.46
A
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction-to-Ambient – Steady State (Note 1)
RqJA
460
°C/W
Junction-to-Ambient – t
≤ 5 s (Note 1)
RqJA
357
Junction-to-Lead (Drain) – Steady State (Note 1)
RqJL
226
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 in sq pad size
(Cu area = 1.127 in sq [1 oz] including traces).
(Top View)
http://onsemi.com
D1
G2
S2
S1
G1
D2
6
5
4
1
2
3
N-Ch
20 V
375 m
W @ 4.5 V
RDS(on) Max
0.63 A
ID Max
V(BR)DSS
445 m
W @ 2.5 V
300 m
W @ -4.5 V
P-Ch
-20 V
500 m
W @ -2.5 V
-0.82 A
SC-88 (SOT-363)
(6-Leads)
Device
Package
Shipping†
ORDERING INFORMATION
NTJD3158CT1G
SC-88
(Pb-Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
TG M
G
G
1
6
1
MARKING DIAGRAM &
PIN ASSIGNMENT
SC-88 (SOT-363)
CASE 419B
STYLE 26
TG
= Specific Device Code
M
= Date Code
G
= Pb-Free Package
(Note: Microdot may be in either location)
S1
G1 D2
D1 G2 S2
NTJD3158CT4G
SC-88
(Pb-Free)
10000/Tape & Reel
N-Ch
P-Ch


Similar Part No. - NTJD3158CT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD1155L ONSEMI-NTJD1155L Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTJD1155LT1G ONSEMI-NTJD1155LT1G Datasheet
114Kb / 5P
   Power MOSFET High Side Load Switch with Level?뭆hift, P?묬hannel SC??8
November, 2012 ??Rev. 5
logo
TECH PUBLIC Electronics...
NTJD1155LT1G TECHPUBLIC-NTJD1155LT1G Datasheet
3Mb / 5P
   Load Switch with Level-Shift
logo
ON Semiconductor
NTJD116N ONSEMI-NTJD116N Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTJD2152P ONSEMI-NTJD2152P Datasheet
60Kb / 6P
   Trench Small Signal MOSFET
January, 2004 ??Rev. 2
More results

Similar Description - NTJD3158CT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD4105C ONSEMI-NTJD4105C Datasheet
77Kb / 8P
   Small Signal MOSFET 20 V / ??.0 V, Complementary, 0.63 A / ??.775 A, SC??8
January, 2004 ??Rev. 1
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
   Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NTJS4160N ONSEMI-NTJS4160N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
March, 2008 - Rev. 1
logo
Pan Jit International I...
PJX8603 PANJIT-PJX8603 Datasheet
467Kb / 9P
   Complementary Enhancement Mode MOSFET ??ESD Protected
PJT7603 PANJIT-PJT7603 Datasheet
457Kb / 9P
   Complementary Enhancement Mode MOSFET ??ESD Protected
logo
ON Semiconductor
NTJS3151P ONSEMI-NTJS3151P Datasheet
134Kb / 6P
   Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
March, 2006 ??Rev. 2
logo
Pan Jit International I...
PJX8601 PANJIT-PJX8601 Datasheet
558Kb / 9P
   Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8601-REV.01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com