Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD3158CT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTJD3158CT1G
Description  Power MOSFET 20 V, 0.63/-0.82 A, SC-88 Complementary, ESD Protected
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD3158CT1G Datasheet(HTML) 6 Page - ON Semiconductor

  NTJD3158CT1G Datasheet HTML 1Page - ON Semiconductor NTJD3158CT1G Datasheet HTML 2Page - ON Semiconductor NTJD3158CT1G Datasheet HTML 3Page - ON Semiconductor NTJD3158CT1G Datasheet HTML 4Page - ON Semiconductor NTJD3158CT1G Datasheet HTML 5Page - ON Semiconductor NTJD3158CT1G Datasheet HTML 6Page - ON Semiconductor NTJD3158CT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTJD3158C
http://onsemi.com
6
TYPICAL PERFORMANCE CURVES (P-Ch) (TJ = 25°C unless otherwise noted)
VDS = 0 V
VGS = 0 V
0
10
10
350
150
100
50
0
20
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0
4
1
0
Qg, TOTAL GATE CHARGE (nC)
TJ = 25°C
Coss
Ciss
Crss
ID = -0.88 A
TJ = 25°C
250
1.2
0.8
2
3
Q2
Q1
10
1
10
1
100
RG, GATE RESISTANCE (OHMS)
VDD = -10 V
ID = -0.8 A
VGS = -4.5 V
5
200
5
td(off)
td(on)
tf
tr
VGS
VDS
15
0.4
0.6
0
-VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
VGS = 0 V
TJ = 25°C
0.7
0.1
0
0.3
0.5
Figure 15. Capacitance Variation
Figure 16. Gate-to-Source Voltage vs. Total
Gate Charge
Figure 17. Resistive Switching Time Variation
vs. Gate Resistance
Figure 18. Diode Forward Voltage vs. Current
5
300
2
1.6
QT
100
0.2
0.5
0.3
0.1
0.2
0.4
0.4


Similar Part No. - NTJD3158CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD1155L ONSEMI-NTJD1155L Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTJD1155LT1G ONSEMI-NTJD1155LT1G Datasheet
114Kb / 5P
   Power MOSFET High Side Load Switch with Level?뭆hift, P?묬hannel SC??8
November, 2012 ??Rev. 5
logo
TECH PUBLIC Electronics...
NTJD1155LT1G TECHPUBLIC-NTJD1155LT1G Datasheet
3Mb / 5P
   Load Switch with Level-Shift
logo
ON Semiconductor
NTJD116N ONSEMI-NTJD116N Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTJD2152P ONSEMI-NTJD2152P Datasheet
60Kb / 6P
   Trench Small Signal MOSFET
January, 2004 ??Rev. 2
More results

Similar Description - NTJD3158CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD4105C ONSEMI-NTJD4105C Datasheet
77Kb / 8P
   Small Signal MOSFET 20 V / ??.0 V, Complementary, 0.63 A / ??.775 A, SC??8
January, 2004 ??Rev. 1
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
   Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
NTJD4401N ONSEMI-NTJD4401N_08 Datasheet
86Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
January, 2008 - Rev. 4
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NTJS4160N ONSEMI-NTJS4160N Datasheet
87Kb / 5P
   Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
March, 2008 - Rev. 1
logo
Pan Jit International I...
PJX8603 PANJIT-PJX8603 Datasheet
467Kb / 9P
   Complementary Enhancement Mode MOSFET ??ESD Protected
PJT7603 PANJIT-PJT7603 Datasheet
457Kb / 9P
   Complementary Enhancement Mode MOSFET ??ESD Protected
logo
ON Semiconductor
NTJS3151P ONSEMI-NTJS3151P Datasheet
134Kb / 6P
   Trench Power MOSFET 12 V, 3.3 A, Single P?묬hannel, ESD Protected SC??8
March, 2006 ??Rev. 2
logo
Pan Jit International I...
PJX8601 PANJIT-PJX8601 Datasheet
558Kb / 9P
   Complementary Enhancement Mode MOSFET – ESD Protected
August 10,2022 PJX8601-REV.01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com