Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHD2110T Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTHD2110T
Description  Power MOSFET -12 V, -6.4 A, Single P-Channel TVS, ChipFET??Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD2110T Datasheet(HTML) 6 Page - ON Semiconductor

  NTHD2110T Datasheet HTML 1Page - ON Semiconductor NTHD2110T Datasheet HTML 2Page - ON Semiconductor NTHD2110T Datasheet HTML 3Page - ON Semiconductor NTHD2110T Datasheet HTML 4Page - ON Semiconductor NTHD2110T Datasheet HTML 5Page - ON Semiconductor NTHD2110T Datasheet HTML 6Page - ON Semiconductor NTHD2110T Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTHD2110T
http://onsemi.com
6
0
2
4
6
8
10
12
14
16
18
-60
-20
20
60
100
140
180
Figure 13. Typical Leakage vs. Temperature
TEMPERATURE (
°C)
14
14.5
15
15.5
16
16.5
17
-60
-10
40
90
140
190
Figure 14. Typical VZ @ 1 mA vs. Temperature
TEMPERATURE (
°C)
IZ = 5 mA
IZ = 1 mA
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
Figure 15. Capacitance vs. VBIAS
VBIAS, (V)
25
°C
Figure 16. Typical Application Circuit
Load
Gate Controller
Input
Voltage


Similar Part No. - NTHD2110T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTHD2102PT1 ONSEMI-NTHD2102PT1 Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTHD2102PT1G ONSEMI-NTHD2102PT1G Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
More results

Similar Description - NTHD2110T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4111P ONSEMI-NTHS4111P_06 Datasheet
193Kb / 6P
   Power MOSFET -30 V, -6.1 A, Single P-Channel, ChipFET
August, 2006 ??Rev. 2
NTHS4166N ONSEMI-NTHS4166N Datasheet
90Kb / 6P
   Power MOSFET 30 V, 8.2 A, Single N-Channel, ChipFET Package
December, 2007 - Rev. 0
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTHD5903T1-D ONSEMI-NTHD5903T1-D Datasheet
69Kb / 8P
   Power MOSFET Dual P-Channel ChipFET
March, 2002 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com