Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGS3136PT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGS3136PT1G
Description  Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGS3136PT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTGS3136PT1G Datasheet HTML 1Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 2Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 3Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 4Page - ON Semiconductor NTGS3136PT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTGS3136P
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
Figure 7. Gate-to-Source and
Drain-to-Source Voltage vs. Total Charge
Figure 8. Diode Forward Voltage vs. Current
Figure 9. Threshold Voltage
Figure 10. Single Pulse Maximum Power
Dissipation
SINGLE PULSE TIME (s)
QG, TOTAL GATE CHARGE (nC)
VDS = -10 V
ID = -5.1 A
TJ = 25°C
-V GS
QGS
QGD
-V DS
-V SD, SOURCE-TO-DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 25°C
TJ = 150°C
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.01
0.1
1
10
100
0.1
1
10
100
VGS = -8.0 V
SINGLE PULSE
TC = 25°C
RDS(on) LIMIT
Thermal Limit
Package Limit
100
ms
1 ms
10 ms
dc
-V DS, DRAIN-TO-SOURCE VOLTAGE (V)
-50
0
-25
25
0.7
0.5
0.3
0.2
50
125
100
TJ, JUNCTION TEMPERATURE (°C)
75
150
ID = -250 mA
0.8
0.6
0.4
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
QT
1.0
10
100
0
0.2
0.4
0.6
0.8
1.0
1.2
80
70
60
50
40
30
20
10
0
1E-3
1E-2
1E-1
1
1E+1
1E+2
1E+3
0.01
0.1
1
1E-04 1E-03 1E-02
1E-01
1
1E+01 1E+02 1E+03
t, TIME (s)
Figure 12. FET Thermal Response
Duty Cycle = 0.5
0.2
0.1
0.05
0.01
0.02


Similar Part No. - NTGS3136PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3136PT1G ONSEMI-NTGS3136PT1G Datasheet
74Kb / 6P
   Power MOSFET
February, 2015 ??Rev. 2
logo
VBsemi Electronics Co.,...
NTGS3136PT1G VBSEMI-NTGS3136PT1G Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTGS3136PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
   Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGD3148N ONSEMI-NTGD3148N Datasheet
82Kb / 5P
   Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
April, 2008 - Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
   Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
   Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com