Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGD3148NT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTGD3148NT1G
Description  Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD3148NT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NTGD3148NT1G Datasheet HTML 1Page - ON Semiconductor NTGD3148NT1G Datasheet HTML 2Page - ON Semiconductor NTGD3148NT1G Datasheet HTML 3Page - ON Semiconductor NTGD3148NT1G Datasheet HTML 4Page - ON Semiconductor NTGD3148NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NTGD3148N
http://onsemi.com
4
0
50
100
150
200
250
300
350
400
0
2
4
6
8
10
12
14
16
18
20
Figure 7. Capacitance Variation
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
TJ = 25°C
Coss
Crss
VGS = 0 V
Ciss
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
234
Figure 8. Gate-To-Source and
Drain-To-Source Voltage vs. Total Charge
QG, TOTAL GATE CHARGE (nC)
ID = 3.5 A
TJ = 25°C
Q1
QT
Q2
1
10
100
1
10
100
Figure 9. Resistive Switching Time
Variation vs. Gate Resistance
RG, GATE RESISTANCE (W)
VDD = 10 V
ID = 3.5 A
VGS = 4.5 V
tr
td(on)
tf
td(off)
0
0.5
1
1.5
2
2.5
3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VSD, SOURCE-TO-DRAIN VOLTAGE (V)
VGS = 0 V
TJ = 25°C
Figure 10. Diode Forward Voltage vs. Current


Similar Part No. - NTGD3148NT1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGD3148NT1G VBSEMI-NTGD3148NT1G Datasheet
1Mb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTGD3148NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGD3149C ONSEMI-NTGD3149C Datasheet
126Kb / 8P
   Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
logo
Nexperia B.V. All right...
PMDPB65UP NEXPERIA-PMDPB65UP Datasheet
326Kb / 16P
   20 V, 3.5 A dual P-channel Trench MOSFET
logo
ON Semiconductor
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
   Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com