Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5248LTI-041 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C5248LTI-041
Description  Programmable System-on-Chip (PSoC)
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5248LTI-041 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C5248LTI-041 Datasheet HTML 1Page - Cypress Semiconductor CY8C5248LTI-041 Datasheet HTML 2Page - Cypress Semiconductor CY8C5248LTI-041 Datasheet HTML 3Page - Cypress Semiconductor CY8C5248LTI-041 Datasheet HTML 4Page - Cypress Semiconductor CY8C5248LTI-041 Datasheet HTML 5Page - Cypress Semiconductor CY8C5248LTI-041 Datasheet HTML 6Page - Cypress Semiconductor CY8C5248LTI-041 Datasheet HTML 7Page - Cypress Semiconductor CY8C5248LTI-041 Datasheet HTML 8Page - Cypress Semiconductor CY8C5248LTI-041 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
PRELIMINARY
PSoC®5: CY8C52 Family Data Sheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-55034 Rev. *A
Revised December 03, 2009
General Description
With its unique array of configurable blocks, PSoC®5 is a true system level solution providing MCU, memory, analog, and digital
peripheral functions in a single chip. The CY8C52 family offers a modern method of signal acquisition, signal processing, and control
with high accuracy, high bandwidth, and high flexibility. Analog capability spans the range from thermocouples (near DC voltages) to
ultrasonic signals. The CY8C52 family can handle dozens of data acquisition channels and analog inputs on every GPIO pin. The
CY8C52 family is also a high performance configurable digital system with some part numbers including interfaces such as USB,
multi-master I2C, and CAN. In addition to communication interfaces, the CY8C52 family has an easy to configure logic array, flexible
routing to all I/O pins, and a high performance 32-bit ARM® Cortex™-M3 microprocessor core. Designers can easily create system
level designs using a rich library of prebuilt components and boolean primitives using PSoC® Creator™, a hierarchical schematic
design entry tool. The CY8C52 family provides unparalleled opportunities for analog and digital bill of materials integration while easily
accommodating last minute design changes through simple firmware updates.
Features
32-bit ARM Cortex-M3 CPU core
DC to 40 MHz operation
Flash program memory, up to 256 KB, 100,000 write cycles,
20 year retention, multiple security features
Up to 64 KB SRAM memory
2 KB EEPROM memory, 1 million cycles, 20 years retention
24 channel DMA with multilayer AHB bus access
• Programmable chained descriptors and priorities
• High bandwidth 32-bit transfer support
Low voltage, ultra low power
Wide operating voltage range: 0.5V to 5.5V
High efficiency boost regulator from 0.5V input to 1.8V to 5.0V
output
2 mA at 6 MHz
Low power modes including:
• 300 nA hibernate mode with RAM retention and LVD
• 2 µA sleep mode with real time clock and low voltage reset
Versatile I/O system
28 to 72 I/O (62 GPIO, 8 SIO, 2 USBIO[1])
Any GPIO to any digital or analog peripheral routability
LCD direct drive from any GPIO, up to 46x16 segments[1]
1.2V to 5.5V I/O interface voltages, up to 4 domains
Maskable, independent IRQ on any pin or port
Schmitt trigger TTL inputs
All GPIO configurable as open drain high/low, pull up/down,
High-Z, or strong output
Configurable GPIO pin state at power on reset (POR)
25 mA sink on SIO
Digital peripherals
20 to 24 programmable PLD based Universal Digital Blocks
Full CAN 2.0b 16 RX, 8 TX buffers[1]
Full-Speed (FS) USB 2.0 12 Mbps using internal oscillator[1]
Four 16-bit configurable timer, counter, and PWM blocks
Library of standard peripherals
• 8, 16, 24, and 32-bit timers, counters, and PWMs
• SPI, UART, I2C
• Many others available in catalog
Library of advanced peripherals
• Cyclic Redundancy Check (CRC)
• Pseudo Random Sequence (PRS) generator
• LIN Bus 2.0
• Quadrature decoder
Analog peripherals (1.71V
≤ Vdda ≤ 5.5V)
1.024V±0.1% internal voltage reference across -40°C to
+85°C (14 ppm/°C)
SAR ADC, 12-bit at 1 Msps[1]
Two comparators with 75 ns response time
Programming, debug, and trace
JTAG (4 wire), Serial Wire Debug (SWD) (2 wire), Single Wire
Viewer (SWV), and TRACEPORT interfaces
Cortex-M3 Flash Patch and Breakpoint (FPB) block
Cortex-M3 Embedded Trace Macrocell™ (ETM™) gener-
ates an instruction trace stream.
Cortex-M3 Data Watchpoint and Trace (DWT) generates
data trace information
Cortex-M3 Instrumentation Trace Macrocell (ITM) can be
used for printf-style debugging
DWT, ETM, and ITM blocks communicate with off-chip debug
and trace systems via the SWV or TRACEPORT
Bootloader programming supportable through I2C, SPI,
UART, USB, and other interfaces
Precision, programmable clocking
1 to 72 MHz internal ±1% oscillator (over full temperature and
voltage range) with PLL
4 to 33 MHz crystal oscillator for crystal PPM accuracy
Internal PLL clock generation up to 40 MHz
32.768 kHz watch crystal oscillator
Low power internal oscillator at 1 kHz, 100 kHz
Temperature and packaging
-40°C to +85°C degrees industrial temperature
48-pin SSOP, 68-pin QFN, and 100-pin TQFP package
options
Note
1. This feature on select devices only. See Ordering Information on page 79 for details.
[+] Feedback


Similar Part No. - CY8C5248LTI-041

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C5248LTI-030 CYPRESS-CY8C5248LTI-030 Datasheet
4Mb / 94P
   Programmable System-on-Chip (PSoC짰)
CY8C5248LTI-030 CYPRESS-CY8C5248LTI-030 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
More results

Similar Description - CY8C5248LTI-041

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com