Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5247AXI-051 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C5247AXI-051
Description  Programmable System-on-Chip (PSoC)
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5247AXI-051 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C5247AXI-051 Datasheet HTML 4Page - Cypress Semiconductor CY8C5247AXI-051 Datasheet HTML 5Page - Cypress Semiconductor CY8C5247AXI-051 Datasheet HTML 6Page - Cypress Semiconductor CY8C5247AXI-051 Datasheet HTML 7Page - Cypress Semiconductor CY8C5247AXI-051 Datasheet HTML 8Page - Cypress Semiconductor CY8C5247AXI-051 Datasheet HTML 9Page - Cypress Semiconductor CY8C5247AXI-051 Datasheet HTML 10Page - Cypress Semiconductor CY8C5247AXI-051 Datasheet HTML 11Page - Cypress Semiconductor CY8C5247AXI-051 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
PRELIMINARY
PSoC®5: CY8C52 Family Data Sheet
Document Number: 001-55034 Rev. *A
Page 8 of 85
Figure 2-4 and Figure 2-5 show an example schematic and an
example PCB layout, for the 100-pin TQFP part, for optimal
analog performance on a 2-layer board.
The two pins labeled Vddd must be connected together.
The two pins labeled Vccd must be connected together, and
have capacitors connected between them as shown in
Figure 2-4 and Power System on page 22. The trace between
the two Vccd pins should be as short as possible.
The two pins labeled Vssd must be connected together.
Figure 2-4. Example Schematic for 100-Pin TQFP Part with Power Connections
Vssb
10
Ind
11
Vboost
12
Vbat
13
Vssd
14
XRES
15
Vcca
63
Vssa
64
Vdda
65
Vssd
66
SIO, P12[2]
67
SIO, P12[3]
68
P4[0]
69
P4[1]
70
OA2out, P0[0]
71
OA0out, P0[1]
72
OA0+, P0[2]
73
OA0-, REF0, P0[3]
74
Vddio0
75
P5[0]
16
P5[1]
17
P5[2]
18
P5[3]
19
P1[0], SWIO, TMS
20
P1[1], SWDIO, TCK
21
P1[2]
22
P1[3], SWV, TDO
23
P1[4], TDI
24
P1[5], nTRST
25
P6[7]
9
P2[5]
1
P2[6]
2
P2[7]
3
P12[4], SIO
4
P12[5], SIO
5
P6[4]
6
P6[5]
7
P6[6]
8
OA1out, P3[6]
51
OA3out, P3[7]
52
SIO, P12[0]
53
SIO, P12[1]
54
kHzXout, P15[2]
55
kHzXin, P15[3]
56
NC
57
NC
58
NC
59
NC
60
NC
61
NC
62
U2
CY8C55xx
Vssd
Vdda
Vcca
Vssd
Vssa
Vssa
Vssd
Vssd
Vssd
Vssd
0.1uF
C8
Vssd
Vddd
Vddd
Vddd
Vddd
Vddd
Vssd
1uF
C9
0.1uF
C10
0.1uF
C11
0.1uF
C16
0.1uF
C12
0.1uF
C6
0.1uF
C2
1uF
C15
1uF
C1
Vssd
Vddd
Vssd
Vddd
Vdda
Vssd
Vccd
Vssd
0.1uF
C3
Vssa
Vdda
1uF
C13
[+] Feedback


Similar Part No. - CY8C5247AXI-051

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C5247AXI-051 CYPRESS-CY8C5247AXI-051 Datasheet
4Mb / 94P
   Programmable System-on-Chip (PSoC짰)
CY8C5247AXI-051 CYPRESS-CY8C5247AXI-051 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
More results

Similar Description - CY8C5247AXI-051

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com