Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256LA-ZS45XI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B256LA-ZS45XI
Description  256 Kbit (32K x 8) nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256LA-ZS45XI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B256LA-ZS45XI Datasheet HTML 1Page - Cypress Semiconductor CY14B256LA-ZS45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B256LA-ZS45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B256LA-ZS45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B256LA-ZS45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B256LA-ZS45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B256LA-ZS45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B256LA-ZS45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B256LA-ZS45XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CY14B256LA
Document Number: 001-54707 Rev. *B
Page 4
Table 1. Pin Definitions
Pin Name
I/O Type
Description
A0 – A14
Input
Address Inputs Used to Select One of the 32,768 bytes of the nvSRAM.
DQ0 – DQ7 Input/Output Bidirectional Data I/O Lines. Used as input or output lines depending on operation.
WE
Input
Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the I/O pins is written
to the specific address location.
CE
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read
cycles. I/O pins are tristated on deasserting OE HIGH.
VSS
Ground
Ground for the Device. Must be connected to the ground of the system.
VCC
Power
Supply
Power Supply Inputs to the Device. 3.0V +20%, –10%
HSB
Input/Output Hardware STORE Busy (HSB). When LOW this output indicates that a Hardware STORE is in progress.
When pulled LOW external to the chip it initiates a nonvolatile STORE operation. A weak internal pull up
resistor keeps this pin HIGH if not connected (connection optional). After each STORE operation HSB is
driven HIGH for short time with standard output high current.
VCAP
Power
Supply
AutoStore Capacitor. Supplies power to the nvSRAM during power loss to store data from SRAM to
nonvolatile elements.
NC
No Connect No Connect. This pin is not connected to the die.
[+] Feedback


Similar Part No. - CY14B256LA-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA-ZS25XI CYPRESS-CY14B256LA-ZS25XI Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-ZS25XI CYPRESS-CY14B256LA-ZS25XI Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-ZS25XIT CYPRESS-CY14B256LA-ZS25XIT Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA-ZS25XIT CYPRESS-CY14B256LA-ZS25XIT Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results

Similar Description - CY14B256LA-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com