Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101LA-ZS45XIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY14B101LA-ZS45XIT
Description  1 Mbit (128K x 8) nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101LA-ZS45XIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY14B101LA-ZS45XIT Datasheet HTML 1Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101LA-ZS45XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
CY14E101LA
Document #: 001-42916 Rev. *B
Page 2 of 19
Contents
Features............................................................................... 1
Functional Description .......................................................1
Contents ..............................................................................2
Pinouts ................................................................................3
Device Operation ................................................................4
SRAM Read .........................................................................4
SRAM Write .........................................................................4
AutoStore Operation ..........................................................4
Hardware STORE Operation ..............................................4
Hardware RECALL (Power Up) ..........................................5
Software STORE .................................................................5
Software RECALL ...............................................................5
Preventing AutoStore .........................................................6
Data Protection ...................................................................6
Noise Considerations .........................................................6
Best Practices .....................................................................7
Maximum Ratings ...............................................................8
Operating Range ................................................................. 8
DC Electrical Characteristics ............................................ 8
AC Test Conditions ............................................................ 9
Data Retention and Endurance ......................................... 9
Capacitance ........................................................................ 9
Thermal Resistance ............................................................ 9
AC Switching Characteristics ......................................... 10
AutoStore/Power Up RECALL ......................................... 12
Software Controlled STORE/RECALL Cycle .................. 13
Hardware STORE Cycle ................................................... 14
Truth Table For SRAM Operations .................................. 15
Part Numbering Nomenclature ........................................ 15
Ordering Information ........................................................ 16
Package Diagram .............................................................. 17
Document History Page ................................................... 18
Sales, Solutions, and Legal Information ........................ 19
Worldwide Sales and Design Support ......................... 19
Products ...................................................................... 19
[+] Feedback


Similar Part No. - CY14B101LA-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA-ZS45XIT CYPRESS-CY14B101LA-ZS45XIT Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-ZS45XIT CYPRESS-CY14B101LA-ZS45XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-ZS45XIT CYPRESS-CY14B101LA-ZS45XIT Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
More results

Similar Description - CY14B101LA-ZS45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com