Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256KA-SP45XIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B256KA-SP45XIT
Description  256 Kbit (32K x 8) nvSRAM with Real Time Clock
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256KA-SP45XIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B256KA-SP45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B256KA-SP45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B256KA-SP45XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B256KA-SP45XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B256KA-SP45XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B256KA-SP45XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B256KA-SP45XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B256KA-SP45XIT Datasheet HTML 14Page - Cypress Semiconductor CY14B256KA-SP45XIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CY14B256KA
Document #: 001-55720 Rev. *A
Page 11 of 26
Flags Register
The Flag register has three flag bits: WDF, AF, and PF, which can
be used to generate an interrupt. These flags are set by the
watchdog timeout, alarm match, or power fail monitor respec-
tively. The processor can either poll this register or enable inter-
rupts to be informed when a flag is set. These flags are automat-
ically reset when the register is read. The flags register is
automatically loaded with the value 0x00 on power up (except for
the OSCF bit; see Stopping and Starting the Oscillator on page
9).
Figure 4. RTC Recommended Component Configuration
Figure 5. Interrupt Block Diagram
Xout
Xin
Y1
C2
C1
Recommended Values
Y1 = 32.768 KHz (12.5 pF)
C1 = 10 pF
C2 = 67 pF
Note: The recommended values for C1 and C2 include
board trace capacitance.
Watchdog
Timer
Power
Monitor
Clock
Alarm
VINT
WDF
WIE
PF
PFE
AF
AIE
P/L
Pin
Driver
H/L
INT
VCC
VSS
WDF - Watchdog Timer Flag
WIE - Watchdog Interrupt
PF - Power Fail Flag
PFE - Power Fail Enable
AF - Alarm Flag
AIE - Alarm Interrupt Enable
P/L - Pulse Level
H/L - High/Low
Enable
[+] Feedback


Similar Part No. - CY14B256KA-SP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA-SP45XIT CYPRESS-CY14B256KA-SP45XIT Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP45XIT CYPRESS-CY14B256KA-SP45XIT Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
More results

Similar Description - CY14B256KA-SP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com