Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5485AXI-062 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C5485AXI-062
Description  Programmable System-on-Chip (PSoC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5485AXI-062 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C5485AXI-062 Datasheet HTML 5Page - Cypress Semiconductor CY8C5485AXI-062 Datasheet HTML 6Page - Cypress Semiconductor CY8C5485AXI-062 Datasheet HTML 7Page - Cypress Semiconductor CY8C5485AXI-062 Datasheet HTML 8Page - Cypress Semiconductor CY8C5485AXI-062 Datasheet HTML 9Page - Cypress Semiconductor CY8C5485AXI-062 Datasheet HTML 10Page - Cypress Semiconductor CY8C5485AXI-062 Datasheet HTML 11Page - Cypress Semiconductor CY8C5485AXI-062 Datasheet HTML 12Page - Cypress Semiconductor CY8C5485AXI-062 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
PRELIMINARY
PSoC®5: CY8C54 Family Data Sheet
Document Number: 001-55036 Rev. *A
Page 9 of 93
Figure 2-5. Example PCB Layout for 100-Pin TQFP Part for Optimal Analog Performance
3. Pin Descriptions
IDAC0, IDAC1, IDAC2, IDAC3.
Low resistance output pin for
high current DACs (IDAC).
OpAmp0out, OpAmp1out, OpAmp2out, OpAmp3out.
High
current output of uncommitted opamp[4].
Extref0, Extref1.
External reference input to the analog system.
OpAmp0-, OpAmp1-, OpAmp2-, OpAmp3-.
Inverting input to
uncommitted opamp.
OpAmp0+, OpAmp1+, OpAmp2+, OpAmp3+.
Noninverting
input to uncommitted opamp.
GPIO.
General purpose I/O pin provides interfaces to the CPU,
digital peripherals, analog peripherals, interrupts, LCD segment
drive, and CapSense®[4].
I2C0: SCL, I2C1: SCL.
I2C SCL line providing wake from sleep
on an address match. Any I/O pin can be used for I2C SCL if
wake from sleep is not required.
I2C0: SDA, I2C1: SDA.
I2C SDA line providing wake from sleep
on an address match. Any I/O pin can be used for I2C SDA if
wake from sleep is not required.
Ind.
Inductor connection to boost pump.
kHz XTAL: Xo, kHz XTAL: Xi.
32.768 kHz crystal oscillator pin.
MHz XTAL: Xo, MHz XTAL: Xi.
4 to 33 MHz crystal oscillator
pin.
nTRST.
Optional JTAG Test Reset programming and debug port
connection to reset the JTAG connection.
SIO.
Special I/O provides interfaces to the CPU, digital periph-
erals and interrupts with a programmable high threshold voltage,
analog comparator, high sink current, and high impedance state
when the device is unpowered.
SWDCK.
Serial Wire Debug Clock programming and debug port
connection.
SWDIO.
Serial Wire Debug Input and Output programming and
debug port connection.
TCK.
JTAG Test Clock programming and debug port connection.
TDI.
JTAG
Test
Data
In
programming
and
debug
port
connection.
TDO.
JTAG Test Data Out programming and debug port
connection.
TMS.
JTAG Test Mode Select programming and debug port
connection.
TRACECLK.
Cortex-M3
TRACEPORT
connection,
clocks
TRACEDATA pins.
TRACEDATA[3:0].
Cortex-M3
TRACEPORT
connections,
output data.
SWV.
Single Wire Viewer output.
USBIO, D+.
Provides D+ connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from Vddd instead
of from a Vddio. Pins are No Connect (NC) on devices without
USB.[2]
USBIO, D-.
Provides D- connection directly to a USB 2.0 bus.
May be used as a digital I/O pin; it is powered from Vddd instead
of from a Vddio. Pins are No Connect (NC) on devices without
USB.[2]
Vboost.
Power sense connection to boost pump.
Vbat.
Battery supply to boost pump.
VDDD
VSSD
VDDA
VSSA
VSSD
Plane
VSSA
Plane
Note
4. GPIOs with OpAmp outputs are not recommended for use with CapSense.
[+] Feedback


Similar Part No. - CY8C5485AXI-062

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54 CYPRESS-CY8C54 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
CY8C54 CYPRESS-CY8C54 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5466AXI-064 CYPRESS-CY8C5466AXI-064 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
CY8C5466AXI-064 CYPRESS-CY8C5466AXI-064 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5466LTI-063 CYPRESS-CY8C5466LTI-063 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C5485AXI-062

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com