Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C54 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C54
Description  Programmable System-on-Chip (PSoC)
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C54 Datasheet HTML 6Page - Cypress Semiconductor CY8C54 Datasheet HTML 7Page - Cypress Semiconductor CY8C54 Datasheet HTML 8Page - Cypress Semiconductor CY8C54 Datasheet HTML 9Page - Cypress Semiconductor CY8C54 Datasheet HTML 10Page - Cypress Semiconductor CY8C54 Datasheet HTML 11Page - Cypress Semiconductor CY8C54 Datasheet HTML 12Page - Cypress Semiconductor CY8C54 Datasheet HTML 13Page - Cypress Semiconductor CY8C54 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
PRELIMINARY
PSoC®5: CY8C54 Family Data Sheet
Document Number: 001-55036 Rev. *A
Page 10 of 93
Vcca.
Output of analog core regulator and input to analog core.
Requires a 1 µF capacitor to Vssa. Regulator output not for
external use.
Vccd.
Output of digital core regulator and input to digital core.
Requires a capacitor from each Vccd pin to Vssd; see Power
System on page 22. Regulator output not for external use.
Vdda.
Supply for all analog peripherals and analog core
regulator. Vdda must be the highest voltage present on the
device. All other supply pins must be less than or equal to
Vdda.
Vddd.
Supply for all digital peripherals and digital core regulator.
Vddd must be less than or equal to Vdda.
Vssa.
Ground for all analog peripherals.
Vssb.
Ground connection for boost pump.
Vssd.
Ground for all digital logic and I/O pins.
Vddio0, Vddio1, Vddio2, Vddio3.
Supply for I/O pins. See
pinouts for specific I/O pin to Vddio mapping. Vddio must be less
than or equal to Vdda.
XRES (and configurable XRES).
External reset pin. Active low
with internal pullup. In 48-pin SSOP parts, P1[2] is configured as
XRES. In all other parts the pin is configured as a GPIO.
4. CPU
4.1 ARM Cortex-M3 CPU
The CY8C54 family of devices has an ARM Cortex-M3 CPU
core. The Cortex-M3 is a low power 32-bit three-stage pipelined
Harvard architecture CPU that delivers 1.25 DMIPS/MHz. It is
intended for deeply embedded applications that require fast
interrupt handling features.
Figure 4-1. ARM Cortex-M3 Block Diagram
Nested
Vectored
Interrupt
Controller
(NVIC)
Debug Block
(Serial and
JTAG)
Embedded
Trace Module
(ETM)
Trace Port
Interface Unit
(TPIU)
Interrupt Inputs
JTAG/SWD
Trace Pins:
5 for TRACEPORT or
1 for SWV mode
Cortex M3 CPU Core
I- Bus
S-Bus
D-Bus
256 KB
ECC
Flash
Cache
32 KB
SRAM
DMA
AHB Bridge & Bus Matrix
PHUB
GPIO &
EMIF
Prog.
Digital
Prog.
Analog
Special
Functions
Peripherals
AHB Spokes
AHB
AHB
AHB
Bus
Matrix
Cortex M3 Wrapper
C-Bus
Data
Watchpoint and
Trace (DWT)
Instrumentation
Trace Module
(ITM)
Flash Patch
and Breakpoint
(FPB)
Bus
Matrix
32 KB
SRAM
Bus
Matrix
[+] Feedback


Similar Part No. - CY8C54

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54 CYPRESS-CY8C54 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
CY8C54 CYPRESS-CY8C54 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5466AXI-064 CYPRESS-CY8C5466AXI-064 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
CY8C5466AXI-064 CYPRESS-CY8C5466AXI-064 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C5466LTI-063 CYPRESS-CY8C5466LTI-063 Datasheet
4Mb / 105P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C54

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com