Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7500FP-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7500FP-G1
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7500FP-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ7500FP-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7500FP-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7500FP-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7500FP-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7500FP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7500FP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7500FP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7500FP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7500FP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500F
5
Oct. 2009 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Parameter
Symbol Conditions
Min
Typ
Max
Unit
Reference Section
Output Reference Voltage
VREF
IREF=1mA
4.95
5.0
5.05
V
IREF=1mA, TA= -40 to 85
oC
4.9
5.0
5.1
V
Line Regulation
RLINE VCC = 7V to 36V
225
mV
Load Regulation
RLOAD IREF=1mA to 10mA
115
mV
Short-Circuit Output Current
ISC
VREF = 0V
10
35
50
mA
Oscillator Section
Oscillator Frequency
fOSC
CT=0.01µF, RT=12KΩ
9.9
10.7
11.5
KHz
CT=0.01µF, RT=12KΩ,
TA= -40 to 85
oC
9.7
12.7
Frequency Change with Temperature
∆f /∆T
CT=0.01µF, RT=12KΩ,
TA= -40 to 85
oC
1%
Dead-Time Control Section
Input Bias Current
IBIAS
VCC=15V, V4= 0 to 5.25V
-2
-10
µA
Maximum Duty Cycle
D(MAX)
VCC=15V, V4= 0V,
Pin 13= VREF
45
%
Input Threshold Voltage
VITH
Zero Duty Cycle
3
3.3
V
Maximum Duty Cycle
0
Error-Amplifier Section
Input Offset Voltage
VIO
V3 = 2.5V
2
10
mV
Input Offset Current
IIO
V3 = 2.5V
25
250
nA
Input Bias Current
IBIAS
V3 = 2.5V
0.2
1
µA
Common-Mode Input Voltage Range
VCM
VCC=7V to 36V
-0.3
VCC-2
V
Open-Loop Voltage Gain
GVO
VO =0.5V to 3.5V
70
95
dB
Unity-Gain Bandwidth
BW
650
KHz
Common-Mode Rejection Ratio
CMRR
65
80
dB
Output Sink Current (Feedback)
ISINK
VID = -15mV to -5V,
V3 = 0.7V
-0.3
-0.7
mA
Output Source Current (Feedback)
ISOURCE
VID=15mV to 5V
V3 = 3.5V
2mA
TA = 25oC, VCC=20V, f=10KHz unless otherwise noted.
Electrical Characteristics


Similar Part No. - AZ7500FP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7500B BCDSEMI-AZ7500B Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500BM BCDSEMI-AZ7500BM Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500BM-E1 BCDSEMI-AZ7500BM-E1 Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500BM-E1 BCDSEMI-AZ7500BM-E1 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500BM-G1 BCDSEMI-AZ7500BM-G1 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ7500FP-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com