Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4855N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD4855N
Description  Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4855N Datasheet(HTML) 4 Page - ON Semiconductor

  NTD4855N Datasheet HTML 1Page - ON Semiconductor NTD4855N Datasheet HTML 2Page - ON Semiconductor NTD4855N Datasheet HTML 3Page - ON Semiconductor NTD4855N Datasheet HTML 4Page - ON Semiconductor NTD4855N Datasheet HTML 5Page - ON Semiconductor NTD4855N Datasheet HTML 6Page - ON Semiconductor NTD4855N Datasheet HTML 7Page - ON Semiconductor NTD4855N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTD4855N
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
10 V
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance vs. Gate-to-Source
Voltage
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 4. On-Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain-to-Source Leakage Current
vs. Drain Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
VDS ≥ 10 V
TJ = 25°C
TJ = -55°C
TJ = 125°C
VGS = 4.5 V
VGS = 0 V
ID = 30 A
VGS = 10 V
TJ = 150°C
TJ = 125°C
TJ = 25°C
3.8 V
3.0 V
3.6 V
2.8 V
3.2 V
3.4 V
ID = 30 A
TJ = 25°C
VGS = 11.5 V
TJ = 25°C
0
10
20
30
40
50
60
70
0
1
23
45
80
90
0
10
20
30
40
50
60
70
12
3
4
5
80
90
100
110
120
140
0
0.01
0.02
0.03
0.04
24
6
8
10
0.002
0.005
110
40
60
80
100
30
50
70
90
0.003
0.006
0.004
0.007
0.6
0.8
1.0
1.2
1.4
-50
0
50
100
150
1.6
1.8
-25
25
75
125
175
100
1000
510
15
20
25
10000
130
0.005
0.015
0.025
0.035
120
1
10
TJ = 25°C


Similar Part No. - NTD4855N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854N-1G ONSEMI-NTD4854N-1G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854N-35G ONSEMI-NTD4854N-35G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854NT4G ONSEMI-NTD4854NT4G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results

Similar Description - NTD4855N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4809NA-1G ONSEMI-NTD4809NA-1G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4809NAT4G ONSEMI-NTD4809NAT4G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
   25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com