Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2401B31KTR-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401B31KTR-E1
Description  DUAL LDO REGULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401B31KTR-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2401B31KTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2401B31KTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2401B31KTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2401B31KTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2401B31KTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2401B31KTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2401B31KTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2401B31KTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2401B31KTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet
1
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
DUAL LDO REGULATORS
AP2401
General Description
The AP2401 series are dual positive voltage regulator
ICs fabricated by CMOS process. Each of these ICs
consists of a voltage reference, two error amplifiers,
two resistor networks for setting output voltages. Each
channel has a current limit circuit for current protec-
tion.
The AP2401 series feature high ripple rejection, low
dropout voltage, low noise, high output voltage accu-
racy, and low current consumption which make them
ideal for use in various battery-powered devices. The
chip enable function allows the output of each channel
to be turned on/off independently, greatly reducing the
power consumption.
The AP2401 series have 1.8V/2.5V, 1.8V/2.8V, 1.8V/
3.3V and 2.8V/1.8V versions.
The AP2401 are available in standard SOT-23-6 pack-
age.
Features
·
Maximum Output Current/Channel: More Than
150mA (300mA Limit)
·
High Output Voltage Accuracy:
±2%
·
Low Quiescent Current/Channel: 25
µA Typical
·
Low Standby Current: 0.1
µA Typical
·
High PSRR: 70dB Typical (f=1kHz)
·
Extremely Low Noise: 30
µVrms (10Hz to
100kHz)
·
Operating Temperature: -40 to 85oC
·
Compatible with Low ESR Ceramic Capacitor
Applications
·
Mobile Phones, Cordless Phones
·
Wireless Communication Equipment
·
Portable Games
·
Cameras, Video Recorders
·
Sub-board Power Supplies for Telecom Equip-
ment
·
Battery Powered Equipment
Figure 1. Package Type of AP2401
SOT-23-6


Similar Part No. - AP2401B31KTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2401B31KTR-E1 BCDSEMI-AP2401B31KTR-E1 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
More results

Similar Description - AP2401B31KTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Rohm
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
logo
Rohm
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
logo
SG Micro Corp
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulators
logo
Rohm
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com