Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3012KTR-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3012KTR-G1
Description  1.5MHz STEP-UP DC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3012KTR-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3012KTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3012KTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3012KTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3012KTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3012KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3012KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3012KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3012KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3012KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
4
Oct. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Data Sheet
Ordering Information
Circuit Type
Package
K: SOT-23-5
E1: Lead Free
AP3012
-
TR: Tape and Reel
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Lead Free
Green
Lead Free
Green
SOT-23-5
-40 to 85oC
AP3012KTR-E1
AP3012KTR-G1
E6B
G6B
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green package.
G1: Green


Similar Part No. - AP3012KTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3012KTR-G1 DIODES-AP3012KTR-G1 Datasheet
534Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
Rev. 1 - 6 May 2010
More results

Similar Description - AP3012KTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3012 DIODES-AP3012 Datasheet
534Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
Rev. 1 - 6 May 2010
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012_07 Datasheet
218Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM3012 HMSEMI-HM3012 Datasheet
715Kb / 10P
   1.5MHz STEP-UP DC-DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012 Datasheet
185Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
   1.5MHz Synchronous Step-down DC-DC Converter
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com