Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2401B13KTR-G1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401B13KTR-G1
Description  DUAL LDO REGULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401B13KTR-G1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2401B13KTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2401B13KTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2401B13KTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2401B13KTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2401B13KTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2401B13KTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2401B13KTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2401B13KTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2401B13KTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Data Sheet
8
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
DUAL LDO REGULATORS
AP2401
Typical Performance Characteristics (Continued)
Figure 9. Output Voltage vs. Output Current
Figure 10. Output Voltage vs. Output Current
Figure 8. Output Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Output Current (mA)
3.3V (Channel 2)
T
J=25
oC
V
IN=3.6V
V
IN=4V
V
IN=6V
Figure 11. Output Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (mA)
2.5V (Channel 2)
T
J=25
oC
V
IN=2.8V
V
IN=4V
V
IN=6V
0
50
100
150
200
250
300
350
400
450
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Output Current (mA)
1.8V (Channel 1)
T
J=25
oC
V
IN=2.1V
V
IN=4V
V
IN=6V
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Output Current (mA)
2.8V (Channel 2)
T
J=25
oC
V
IN=3.1V
V
IN=4V
V
IN=6V


Similar Part No. - AP2401B13KTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2401B13KTR-E1 BCDSEMI-AP2401B13KTR-E1 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
More results

Similar Description - AP2401B13KTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Rohm
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
logo
Advanced Power Electron...
APE8837 A-POWER-APE8837_16 Datasheet
666Kb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
APE8837 A-POWER-APE8837_14 Datasheet
1Mb / 10P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE
logo
Rohm
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
logo
SG Micro Corp
SGM2122 SGMICRO-SGM2122 Datasheet
302Kb / 11P
   Dual, Low Dropout, 250mA LDO Regulators
logo
Rohm
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com